PART |
Description |
Maker |
BC327-16 BC328-16 BC327 BC327-25 BC327-40 BC328-40 |
Si-Epitaxial PlanarTransistors 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE/ SWITCHING) Amplifier Transistors(PNP) PNP general purpose transistor
|
KEC(Korea Electronics) Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Motorola Inc Philips Semiconductors
|
JC557 JC556_557_558_3 JC556 JC556B JC557B JC558 JC |
PNP general purpose transistors From old datasheet system PNP general purpose transistor(PNP通用型晶体管)
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BC856BS |
65 V, 100 mA PNP/PNP general-purpose transistor 65 V, 100 mA PNP-PNP general-purpose transistor 100 mA, 65 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
MSB709RT1 MSB709-RT1 ON2370 |
PNP General Purpose Amplifier Transistor Surface Mount 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
2SA1186 |
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose) 10 A, 150 V, PNP, Si, POWER TRANSISTOR
|
Sanken Electric Co., Ltd.
|
BC640 BC640-16G BC640ZL1G BC640G |
High Current Transistors General Purpose Transistor PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistor PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
CMLT3946E CMLT3904E CMLT3906E |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc ENHANCED SPECIFICATION COMPLEMENTARY PICOmini SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp.
|
PUMF11 PUMF11_1 |
NPN resistor-equipped transistor; PNP general purpose transistor From old datasheet system NPN resistor-equipped transistor PNP general purpose transistor
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
HN1A01FUGR HN1A01FU |
Transistor Silicon PNP Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications TRANSISTOR | BJT | PAIR | PNP | 50V V(BR)CEO | 150MA I(C) | TSOP
|
TOSHIBA
|
BC858CDXV6 BC858CDXV6T1 BC858CDXV6T5 |
General Purpose PNP Transistor Dual General Purpose Transistor
|
ONSEMI[ON Semiconductor]
|
CIT8550 CIT8550A CIT8550C CIT8550B CIT8550D |
0.625W General Purpose PNP Plastic Leaded Transistor. 20V Vceo, 2.000A Ic, 60 - 400 hFE 0.625W General Purpose PNP Plastic Leaded Transistor. 20V Vceo, 2.000A Ic, 60 - 120 hFE 0.625W General Purpose PNP Plastic Leaded Transistor. 20V Vceo, 2.000A Ic, 120 - 240 hFE 0.625W General Purpose PNP Plastic Leaded Transistor. 20V Vceo, 2.000A Ic, 85 - 170 hFE 0.625W General Purpose PNP Plastic Leaded Transistor. 20V Vceo, 2.000A Ic, 200 - 400 hFE
|
Continental Device India Limited
|