PART |
Description |
Maker |
74AHC1G126GV 74AHCT1G126GM 74AHCT1G126GW 74AHCT1G1 |
Bus buffer-line driver; 3-state 总线缓冲线路驱动器,三 Bus buffer-line driver; 3-state AHCT/VHCT/VT SERIES, 1-BIT DRIVER, TRUE OUTPUT, PDSO6 Bus buffer/line driver; 3-state
|
NXP Semiconductors N.V.
|
74V1G12604 |
SINGLE BUS BUFFER (3-STATE)
|
STMicroelectronics
|
74V1G125CTR 74V1G125STR |
SINGLE BUS BUFFER (3-STATE)
|
ST Microelectronics
|
74V1T125STR 74V1T125CTR |
SINGLE BUS BUFFER (3-STATE)
|
ST Microelectronics
|
74V1G125 5731 |
SINGLE BUS BUFFER (3-STATE) From old datasheet system
|
STMicro
|
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
BXA15-48T05-12F BXA15-24T05-12F BXA15-48T05-15F BX |
Low voltage CMOS 16-bit bus transceiver (3-state) with 3.6V tolerant inputs and outputs Low voltage CMOS 16-bit bus buffer (3-state inv.) with 3.6V tolerant inputs and outputs Low voltage CMOS 16-bit bus buffer (3-state) with 3.6V tolerant inputs and outputs Low voltage BICMOS 16 bit bus buffer with bus hold and power up 3-state 模拟IC
|
Advanced Interconnections, Corp.
|
M74HC541RM13TR M74HC541TTR M74HC541 M74HC541B1R M7 |
OCTAL BUS BUFFER WITH 3 STATE OUTPUT (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M74HC365 M74HC365B1R M74HC365C1R M74HC365F1R M74HC |
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING) HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
M54HC126 M54HC125 M74HC126B1R M54HC125K M74HC126M1 |
CAP 100PF 100V 10% CH-TC SMD-0603 TR-7-PA QUAD BUS BUFFERS 3-STATE From old datasheet system RAD-HARD QUAD BUS BUFFER (3-STATE)
|
意法半导 http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
TC7SZ126 TC7SZ126F TC7SZ126FU EE08652 |
BUS BUFFER/ 3-STATE OUTPUT BUS BUFFER, 3-STATE OUTPUT From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|