PART |
Description |
Maker |
TISP61089AD TISP61089ASD TISP61089D TISP61089SD |
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
|
Bourns Electronic Solutions
|
TISP61512P TISP61511D |
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
|
POINN[Power Innovations Ltd] Power Innovations Limited
|
TISPPBL2P TISPPBL2D TISPPBL1P TISPPBL1D |
TELECOM, SURGE PROTECTION CIRCUIT, PDIP8 DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
|
BOURNS INC BOURNS[Bourns Electronic Solutions]
|
5SHX19L6010 |
Reverse Conducting Integrated Gate-Commutated Thyristor
|
The ABB Group
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
CLY32-00 CLY32-05 CLY32-10 CLY32 |
Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 伊雷尔C波段砷化镓功率场效应 HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
HCTS20MS HCTS20D_SAMPLE HCTS20DMSR HCTS20HMSR HCTS |
NAND-Gate, 4-Input, TTL Inputs, Dual, Rad-Hard, High-Speed, CMOS, Logic Switch Boot; For Use With:Toggle Switches Radiation Hardened Dual 4-Input NAND Gate HCT SERIES, DUAL 4-INPUT NAND GATE, CDFP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
IDT7005L25F IDT7005L55G IDT7005L55GB IDT7005L55JB |
Synchronous DC-DC MOSFET Driver; ; No of Pins: 8; Container: Tape & Reel 8K X 8 DUAL-PORT SRAM, 55 ns, PQCC68 Power Factor Correction (PFC) and PWM Controller Combo; ; No of Pins: 8; Container: Tape & Reel 8K X 8 DUAL-PORT SRAM, 17 ns, QFP68 HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM 高K的8双端口静态RAM HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 20 ns, CPGA68 HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 25 ns, PQFP64 Dual 2A High-Speed, Low-Side Gate Driver; Package: MLP; No of Pins: 8; Container: Tape & Reel Dual 2A High-Speed, Low-Side Gate Driver; Package: SOIC; No of Pins: 8; Container: Tape & Reel Multi-Color LED; LED Color:Green; Luminous Intensity:11ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-30 C to 85 C; Color:Green; Leaded Process Compatible:No RoHS Compliant: No Mono & Stereo Amps with Microphone; Package: MLP; No of Pins: 24; Container: Tape & Reel Dual, Ultra Low Cost, RRIO CMOS Amplifier; Package: MSOP; No of Pins: 8; Container: Tape & Reel Single, Ultra Low Cost, RRIO CMOS Amplifier; Package: SOT-23; No of Pins: 5; Container: Tape & Reel
|
Integrated Device Techn... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc.
|