PART |
Description |
Maker |
TC52 TC52N5022ECT TC52N2321ECT TC52N3222ECT TC52N1 |
The TC52 consists of two independent low power volt-age detectors in a space-saving 5-pin SOT-23A package. Typical supply current consumption is only 2 µA at an input voltage of 2V. The voltage detection threshold settings are factory Dual Channel Voltage Detector 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Microchip
|
LM339 LM339M |
consists of four independent voltage comparators
|
Estek Electronics Co. Ltd
|
IW4520B |
Dual Binary Up-Counter consists two identical
|
Estek Electronics Co. Ltd
|
AP1511 |
AP1511 consists of step-down switching regulator From old datasheet system
|
Anachip Corporation
|
BAV99 |
The BAV99 consists of two diodes in a plastic surface mount package
|
FORMOSA[Formosa MS]
|
DMC6830 |
DMC6830 Is A REMOTE CONTROL TRANSMITTER, CONSISTS OF THE OPTIMIZED 4-BIT CPU WITH ROM AND RAM
|
DAEWOO[Daewoo Semiconductor]
|
H24B2 H24B1 |
THE H24B SERIES CONSISTS OF A GALLIUM ARSENIDE INFRARED EMITTING DIODE COUPLED WITH A SILICON PHOTOTRANSISTOR 1 CHANNEL DARLINGTON OUTPUT OPTOCOUPLER
|
QT[QT Optoelectronics]
|
PC-16T1 |
Photocoupler(Photocoupler consists of a Gallium Arsenide Infrared Emitting)
|
KODENSHI[KODENSHI KOREA CORP.]
|
1MC10-031-10 1MC10-031-15 1MC10-031-20 1MC10031 |
Thermoelectric Module The MC10 is powered sub-series of large MC series of TE micro-modules. It consists of the following TEC types
|
RMT Ltd.
|
TLP595G |
The Toshiba TLP595G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET
|
Toshiba Semiconductor
|