PART |
Description |
Maker |
LTC3826IG-1 LTC3826IG-1-PBF LTC3826IG-1-TR LTC3826 |
30µA IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller 30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
LINEAR TECHNOLOGY CORP
|
LTC3703 LT3845 LT3844 LTC1778 LTC3703-5 LTC3850 LT |
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start Dual, 2-Phase Step-Down Switching Controller; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C 0.5 A DUAL SWITCHING CONTROLLER, 560 kHz SWITCHING FREQ-MAX, PQCC24
|
Linear Technology, Corp.
|
LTC3868EGN-1TRPBF LTC3868-1-15 |
Low IQ, Dual 2-Phase Synchronous 2-Phase Synchronous Step-Down Controller; Package: 28-SSOP; Temperature Range: –40°C to 125°C DUAL SWITCHING CONTROLLER, 900 kHz SWITCHING FREQ-MAX, PDSO28 Low IQ, Dual 2-Phase Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
MAX1858EEG MAX1858 |
Dual 180 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180° Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180∑ Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LTC3827IG-1-PBF LTC3827-1 LTC3827IG-1 LTC3827IG-1- |
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A DUAL SWITCHING CONTROLLER, 650 kHz SWITCHING FREQ-MAX, PDSO28
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC3736EUF-2PBF |
Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C 1 A DUAL SWITCHING CONTROLLER, 825 kHz SWITCHING FREQ-MAX, PQCC24
|
Linear Technology, Corp.
|
SC244907 SC2449ISWTR SC2449EVB |
BI-Phase/Dual Controller
|
Semtech Corporation
|
NCP3218MNR2G |
7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, QCC48
|
ON Semiconductor
|
SC450ITSTRT |
Dual Phase Power Supply Controller
|
Semtech Corporation
|
LTC3802 |
Dual 550kHz Synchronous 2-Phase DC/DC Controller
|
Linear Technology
|