PART |
Description |
Maker |
GM195 |
P N P S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R
|
E-Tech Electronics LTD
|
UPA800T UPA800T-T1 UPA800T-KB |
2 CHANNEL, UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 2 CHANNEL, L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
|
NEC[NEC]
|
BCM847DS BCM847BS BCM847BV BCM847BV115 |
NPN/NPN matched double transistors; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN matched double transistors
|
NXP Semiconductors N.V.
|
PUMH20 PEMH20 PUMH20115 |
NPN/NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
2N4854U 2N4854 2N3838 JAN2N3838 JAN2N4854 JAN2N485 |
NPN PNP Complimentary; Package: 6_PIN_Flatpack; 600 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP SILICON COMPLEMENTARY SMALL SIGNAL DUAL
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
XP1507 |
RES CERAMIC 8MHZ .5% SMD 50 mA, 150 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer transistor
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
BCV63215 BCV63B215 |
NPN general purpose double transistors - Description: Schmitt Trigger; Package: SOT143B (SOT4); Container: Tape reel smd 100 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
XN4501 |
Silicon NPN epitaxial planer transistor 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
ULN2023L ULN2003A ULN2004A |
0.5 A, 95 V, 7 CHANNEL, NPN, Si, POWER TRANSISTOR, MS-012AC 0.5 A, 50 V, 7 CHANNEL, NPN, Si, POWER TRANSISTOR, MS-001AB
|
|
BC817DS BC817DS115 |
NPN general purpose double transistor; Package: SOT457 (SC-74); Container: Tape reel smd 500 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
|