PART |
Description |
Maker |
LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20 Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MAX1971 MAX197009 MAX1970EEE MAX1971EEE MAX1972EEE |
Dual, 180掳 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX15022ATI |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
|
Maxim Integrated Produc...
|
LTC3417AIFE LTC3417A LTC3417AEDHC LTC3417AEFE |
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
|
LINER[Linear Technology]
|
ISL6445IAZ ISL6445IAZ-TK ISL6445 INTERSILCORP-ISL6 |
1.4MHZ DUAL, 180 DEGREE OUT-OF-PHASE, STEP-DOWN PWM CONTROLLER
|
INTERSIL[Intersil Corporation]
|
MAX1970 MAX1970EEE MAX1970-MAX1972 MAX1971 MAX1971 |
Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO "Dual, 180?? Out-of- Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO" Dual 180 Out-of-Phase 1.4MHz 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180∑ Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MP2355 EV2355DN-00A |
4.75V to 23V In, 3A Out Step-Down DC/DC Converter
|
MPS[Monolithic Power Systems]
|
MP1583 MP1583DP |
3A, 23V, 385KHz Step-Down Converter
|
Monolithic Power Systems
|
MP1570 EV1570DN-00A |
3A, 23V, 340KHz Synchronous Step-Down Converter
|
MPS[Monolithic Power Systems]
|
MP2305DS EV2305DS-00A MP2305 |
2A, 23V Synchronous Rectified Step-Down Converter
|
MPS[Monolithic Power Systems]
|
MP2307DN EV2307DN-00A |
3A, 23V, 340KHz Synchronous Step-Down Converter
|
MPS[Monolithic Power Systems]
|
RT8253B |
3A, 23V, 1.2MHz Synchronous Step-Down Converter
|
Richtek Technology Corporation
|