PART |
Description |
Maker |
48CTQ060 48CTQ060S 48CTQ060-1 48CTQ060STRL 48CTQ06 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp SCHOTTKY RECTIFIER 41 Amp SCHOTTKY RECTIFIER 42 Amp 60V 40A Schottky Common Cathode Diode in a TO-262 package 60V 40A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier]
|
CMSH3-20MA CMSH3-100MA CMSH3-40MA CMSH3-60MA |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS SMD Schottky Rectifier Single
|
Central Semiconductor Corp.
|
CMSH2-20-1 CMSH2-40 CMSH2-100 CMSH2-60 CMSH2-20 |
SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 THRU 100 VOLTS 2 A, 100 V, SILICON, RECTIFIER DIODE SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 THRU 100 VOLTS 肖特基整.0安培0100伏特
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
UPDS1045 |
10 Amp Schottky Barrier Rectifier PowerDI 5 10 Amp Schottky Barrier Rectifier PowerDI⑩ 5
|
MICROSEMI[Microsemi Corporation]
|
245NQ015R 245NQ015 |
SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 240 Amp
|
International Rectifier, Corp. IRF[International Rectifier]
|
CBRLDSH2-60-15 |
SCHOTTKY BRIDGE RECTIFIER SURFACE MOUNT LOW PROFILE 2 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
|
Central Semiconductor C...
|
SS22-L SS220-L SS25-L SS24-L SS26-L SS28-L-TP SS21 |
2 Amp Schottky Rectifier 20 to 200 Volts 2 A, 80 V, SILICON, RECTIFIER DIODE, DO-214AC 2 Amp Schottky Rectifier 20 to 200 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
6TQ035 10TQ040 MBR730 MS1004 6TQ040 MS1002 MS1003 |
Schottky Rectifier 10 AMP SCHOTTKY BARRIER RECTIFIERS From old datasheet system N/A
|
MICROSEMI[Microsemi Corporation]
|
80CPT015 |
15V 80A Schottky Discrete Diode in a TO-247AC package SCHOTTKY RECTIFIER 80 Amp
|
IRF[International Rectifier]
|
88CNQ060ASERIES 88CNQ060ASM 88CNQ060A 88CNQ060ASL |
60V 80A Schottky Common Cathode Diode in a D61-8-SM package SCHOTTKY RECTIFIER 80 Amp
|
IRF[International Rectifier]
|
15TQ060S 15TQ060 15TQ060STRL |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 15 Amp 60V 15A Schottky Discrete Diode in a D2-Pak package 60V 15A Schottky Discrete Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
50WQ06F 50WQ05F |
SCHOTTKY RECTIFIER - 5.5Amp SCHOTTKY RECTIFIER 5.5 Amp
|
IRF[International Rectifier]
|