PART |
Description |
Maker |
GBPC35-005W GBPC35-01W GBPC35-02W GBPC35-04W GBPC3 |
35A Glass Passivated Bridge Rectifier
|
TAITRON Components Incorporated
|
TC3520 TC3524 |
35A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
|
Won-Top Electronics
|
KBPC3500GS KBPC3501GS KBPC3502GS KBPC3504GS KBPC35 |
15/25/35A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER Advanced LinCMOS(TM) Rail-To-Rail Dual Operational Amplifier 8-SOIC -40 to 125 Quadruple 2-Input Positive-AND Gates 14-SO -40 to 85 15,25,35钝化的在玻璃生产线桥式整流器 15,25,35A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER 15,25,35钝化的在玻璃生产线桥式整流器 Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs 14-SO -40 to 85 15,25,35钝化的在玻璃生产线桥式整流器 Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-SOIC 15,25,35钝化的在玻璃生产线桥式整流器
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
5KP5.0 5KP14C 5KP48 5KP70 5KP120A 5KP90CA 5KP 5KP1 |
Optocoupler; Isolation Voltage:5300Vrms; Optocoupler Output Type:Transistor; Package/Case:6-DIP; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Voltage Rating:1.25V RoHS Compliant: Yes GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR 玻璃钝化结TRANSIENTVOLTAGE抑制 GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR 玻璃钝化TRANSIENTVOLTAGE抑制
|
http:// TRSYS FORMOSA[Formosa MS] 美丽微半导体有限公司 Formosa Microsemi Co., Ltd.
|
GBPC35 |
Glass Passivated Single-Phase Bridge Rectifier, 35A
|
Nell Semiconductor Co.,...
|
GBPC3510W GBPC35005W GBPC3501W GBPC3502W GBPC3504W |
35A GLASS PASSIVATED BRIDGE RECTIFIER HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 35 Amperes)
|
Diodes Incorporated PANJIT[Pan Jit International Inc.]
|
FM4007 FM4005 FM4004 |
Glass passivated type
|
缇?附寰??瀵间???????
|
FM204 FM201 FM203 FM207 FM202 FM205 FM206 |
Glass passivated type
|
FORMOSA[Formosa MS]
|
FM4004-M FM4005-M FM4001-M FM4007-M FM4002-M FM400 |
Glass passivated type
|
FORMOSA[Formosa MS]
|
FM203 |
Glass passivated type
|
缇?附寰??瀵间???????
|
5ST125-R 5STP400-R 5STP160-R 5ST5-R 5STP3.15-R 5ST |
Fuses, RoHS 125mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.125A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 400mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 160mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.16A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 5A 250V T IEC GLASS 5X20 Fuses, RoHS 3.15A 250V T IEC GLASS LEAD Fuses, RoHS 125mA 250V T IEC GLASS LEAD Fuses, RoHS 63mA 250V T IEC GLASS LEAD Fuses, RoHS 630mA 250V T IEC GLASS LEAD Fuses, RoHS 5A 250V T IEC GLASS LEAD Fuses, RoHS 800mA 250V T IEC GLASS 5X20
|
Bel Fuse, Inc. BEL FUSE INC
|