PART |
Description |
Maker |
MAX1745 MAX1745AUB MAX1745EUB MAX1744 MAX1744EUB M |
High-Voltage, Step-Down DC-DC Controller in uMAX High-Voltage, Step-Down DC-DC Controller in レMAX High-Voltage, Step-Down DC-DC Controller in ??AX High-Voltage Step-Down DC-DC Controller in MAX Replaced by TMS320C6410 : Digital Signal Processor 40-PDIP 0 to 70 High-Voltage, Step-Down DC-DC Controller in MAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in MAX 高压、降压型DC-DC控制器,µMAX封装
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC4440ES6-5 LTC4440-5 LTC4440EMS8E-5 LTC4440EMS8E |
High Speed, High Voltage High Side Gate Driver; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Speed, High Voltage, High Side Gate Driver High Speed, High Voltage High Side Gate Driver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.1 A BUF OR INV BASED MOSFET DRIVER, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
ICL7663 ICL7663ACPA ICL7663ACSA ICL7663AIJA ICL766 |
High-Performance Impact<TM> PAL<R> Circuits 28-PLCC 0 to 75 Programmable Positive Voltage Regulator "Low-Power, Adjustable- Output, Positive-Voltage Linear Regulator" 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADR3420 ADR3420ARJZ-R2 ADR3420ARJZ-R7 ADR3425 ADR3 |
Micro-Power, High-Accuracy Voltage References, 6-Lead SOT23, Ind Temp -40°C – 125 °C THREE TERM VOLTAGE REFERENCE, PDSO6 Micro-Power, Ind. Temp -40°C to 125°C, High-Accuracy Voltage References, 6-Lead SOT-23 THREE TERM VOLTAGE REFERENCE, PDSO6 Micro-Power, High-Accuracy Voltage References, Ind Temp -40°C – 125 °C, Package: 6 Pin, SOT23-6 THREE TERM VOLTAGE REFERENCE, PDSO6 Micropower, High Accuracy Voltage References
|
Analog Devices, Inc.
|
2SA1968 |
High-Voltage Amp High-Voltage Switching Applications
|
SANYO
|
2SA1967 |
High-Voltage Amp, High-Voltage Switching Applications
|
SANYO[Sanyo Semicon Device]
|
2SC4632 |
High-Voltage Amp, High-Voltage Switching Applications
|
SANYO[Sanyo Semicon Device]
|
LTC3632EDDTRPBF |
LTC3632 - High Efficiency, High Voltage 20mA Synchronous Step-Down Converter; Package: DFN; Number of Pins: 8; Temperature Range: –40°C to 125°C 0.02 A SWITCHING REGULATOR, PDSO8
|
Linear Technology, Corp.
|
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
EHA1-2400A/883B EHA1-2400A-2 |
Voltage-Feedback Operational Amplifier Octal Voltage Level Shifter for TFT/LCD Panels; High Voltage TFT-LCD Logic Driver; Temperature Range: -40°C to 85°C; Package: 20-TSSOP 电压反馈运算放大
|
Everlight Electronics Co., Ltd.
|
BF623 Q62702-F1053 |
PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
2SC4710 |
High-Voltage Amp/ High-Voltage Switching Applications High-Voltage Amp, High-Voltage Switching Applications
|
Sanyo Semicon Device
|