PART |
Description |
Maker |
OP42 OP-42GS OP-42 OP-42AJ OP-42ARC_883 OP-42AZ OP |
High Speed, Fast Setting Precision Operational Amplifier High Speed, Fast Settling Precision Operational Amplitier High Speed, Fast Settling Precision Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: TBD OP-AMP, 6000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 High Speed, Fast Settling Precision Operational Amplifier; Package: LCC; No of Pins: 20; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed, Fast Settling Precision Operational Amplifier; Package: CerDIP; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CDIP8 High Speed, Fast Settling Precision Operational Amplifier; Package: Header; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, MBCY8 HIGH SPEED / FAST SETTLING PRECISION OPERATIONAL AMPLIFIER ER 8C 8#12 PIN RECP WALL OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed Fast Settling Precision Operational Amplifier(596.41 k) 高速精密快速沉降运算放大器96.41十一
|
Analog Devices, Inc. AD[Analog Devices]
|
PHT |
High Precision Wraparound - High Temperature (230 掳C) Thin Film Chip Resistors
|
Vishay Siliconix
|
OP97FZ OP97EP OP97EJ OP97FP OP97EZ OP97FJ OP97AJ O |
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER OP-AMP, 200 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, MBCY8 Low Power, High Precision Operational Amplifier; Package: CERDIP GLASS SEAL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 60 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, CDIP8 LOW POWER / HIGH PRECISION OPERATIONAL AMPLIFIER LOW POWER HIGH PRECISION OPERATIONAL AMPLIFIER
|
Analog Devices, Inc. AD[Analog Devices]
|
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|
5962R9574101VEC |
High-Precision Voltage References with Temperature Sensor 编码
|
NEC, Corp.
|
5962R9573901VCC |
High-Precision Voltage References with Temperature Sensor 输入与非
|
TE Connectivity, Ltd.
|
VT7-705-TQ-HP |
High precision analogue temperature compensated SMD VC-TCXO
|
QUARTZCOM the communica...
|
VT7-705-SQ-HP |
High precision analogue temperature compensated SMD VC-TCXO
|
QUARTZCOM the communica...
|
TC1046VNB TC1046 TC1046VNBTR |
High Precision Temperature-to-Voltage Converter The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 ... The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 can accurately measure temperature from -40C to 125C. The output voltage range for this device is typically
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
AD7245ASE/883B AD7245SQ/883B AD7245ASQ/883B AD7245 |
Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 12-Bit Digital-to-Analog Converter Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12位数字到模拟转换
|
Analog Devices, Inc.
|
OP467ARC/883C OP467AY/883C |
Quad Precision, High Speed Operational Amplifier; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 20; Temperature Range: Industrial QUAD OP-AMP, 1000 uV OFFSET-MAX, 22 MHz BAND WIDTH, CQCC20 Quad Precision, High Speed Operational Amplifier; Package: CERDIP GLASS SEAL; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1000 uV OFFSET-MAX, 22 MHz BAND WIDTH, CDIP14
|
Analog Devices, Inc.
|
AM27H256-35LC AM27H256-35LCB AM27H256-35V05LC AM27 |
Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40° to 125°C x8 EPROM x8存储
|
3M Company
|