PART |
Description |
Maker |
BUK9635-55 BUK9635-56 |
TrenchMOSTM)transistor Logic level FET(TrenchMOSTM)晶体管逻辑电平FET) TrenchMOS transistor Logic level FET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
ESDA14V2-2BF ESDA14V2-2BF3 ESDA14V2-2BX |
Quad bidirectional Transi array for ESD protection
|
STMicroelectronics
|
2N5401 |
PNP Transistor Plastic-Encapsulate Transi stors
|
SeCoS Halbleitertechnologie GmbH
|
KUK7575-100A |
TrenchMOSTM standard level FET
|
Guangdong Kexin Industrial Co.,Ltd
|
PCN21B-SC-G PCN21A-110PA-2PF PCN21A-110PA-2PF-G PC |
LED AMBER 624NM CLEAR 4-PLCC SMD DIODE ZNR .35W 5.1V SOT23 SMD XTR PNP MMBT2907 SOT23 T&R DIODE ZNR .35W 5.6V SOT23 SMD TRANSI, PNP, 150V, 500MA, 350MW, SOT23, C2L DIODE,SIGNAL,100V,4148,SOT23 TRANS NPN BT2369 SM TRANSISTOR - CMPT5551, NPN (SMT) Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:2000uF RoHS Compliant: No CAP 6.8UF 16V 10% TANT SMD-3216-18 TR-7 GROMMET LIQUID TIGHT 1.14 HOLE 2mm Hard Metric Connector 2mm的硬公制连接 XTR PNP MMBT2907 SOT23 T&R
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
HI4-0508A-8 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -55°C to 125°C; Package: 20-LCC 8-CHANNEL, SGL ENDED MULTIPLEXER, CQCC20
|
Intersil, Corp.
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|
ISB-A27-0 |
150 mA, 30 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Ultrathin Miniature Package 4-channel N-channel MOSFET Array
|
Sanyo Semicon Device
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
HI3-0506A-5 HI3-0507A-5 HI3-0509A-5 HI3-506A HI3-5 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
|
Intersil Corporation
|
HI3-0508-5Z |
Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers 8-CHANNEL, SGL ENDED MULTIPLEXER, PDIP16
|
Intersil, Corp.
|
|