PART |
Description |
Maker |
A290021TL-90 A29002TL-90 A290021T-70 A290021UV-70 |
70ns 20mA 256K x 8 bit CMOS 5.0volt-only boot sector flash memory 256K X 8 Bit CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 Bit CMOS 5.0 Volt-only/ Boot Sector Flash Memory
|
AMICC[AMIC Technology]
|
MX29LV400BXBI-70 MX29LV400TXBI-70 MX29LV400TXBC-55 |
4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY COG Technology, 240 x 160 pixel format 240 x 160 pixel format, Available with EL Backlight CB 26C 26#16 PIN PLUG 4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 256K X 16 FLASH 3V PROM, 90 ns, PBGA48
|
Macronix International Co., Ltd. PROM http://
|
29F022B-90 29F022T-12 29F022T-55 29F022T-90 29F022 |
2M-BIT[256K x 8]CMOS FLASH MEMORY 200万位[256K × 8]的CMOS闪存
|
Macronix International Co., Ltd.
|
AM29LV400BB-90DTE1 AM29LV400BB-90DTI1 AM29LV400BT- |
256K X 16 FLASH 3V PROM, 80 ns, UUC43 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC http:// AMD[Advanced Micro Devices]
|
AS29P200 AS29F200B-120SC AS29F200B-70TC AS29F200B- |
5V 256K x 8 / 128K x 16 CMOS Flash EEPROM 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 120ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 70ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 55ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 90ns
|
Alliance Semiconductor
|
MX29LV401TTC-70 MX29LV401TTC-90 MX29LV401BXBI-70 M |
4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 20A 100V H-Series Schottky Rectifier; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 256K X 16 FLASH 3V PROM, 90 ns, PBGA48
|
Macronix International Co., Ltd. http://
|
AM29F002NT-90EE AM29F002NT-70JC AM29F002NT-55EI AM |
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 70 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 70 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 70 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PDIP32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
P28F020-90 |
28F020 2048K (256K X 8) CMOS FLASH MEMORY 256K X 8 FLASH 12V PROM, 90 ns, PDIP32
|
Intel, Corp.
|
EN29LV400A EN29LV400AB-70BIP EN29LV400AB-70TIP EN2 |
4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
|
ETC Eon Silicon Solution Inc.
|
EN29SL400T-90TC EN29SL400T-90TCP EN29SL400T-90TI E |
4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
|
Eon Silicon Solution Inc.
|
AT29C257-70 AT29C257-15JC AT29C257-12JC AT29C257-9 |
8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SO -55 to 125 256K 32K x 8 5-volt Only CMOS Flash Memory 256K 32K的8 5伏只有闪存的CMOS 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 32K X 8 FLASH 5V PROM, 120 ns, PQCC32
|
Atmel Corp. Atmel, Corp.
|
MX29F002TQC-70G MX29F002TQC-90G MX29F002TTI-90 29F |
2M-BIT [256K x 8] CMOS FLASH MEMORY
|
MCNIX[Macronix International]
|