PART |
Description |
Maker |
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
45912-0030 0459120030 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Signal, Power, Power Sequence), Press-Fit
|
Molex Electronics Ltd.
|
RFS1006 PRFS-1006-0007 PRFS-1006-0008 PRFS-1006-00 |
3.4-3.6 GHz Power Amplifier 3400 MHz - 3600 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 3.4-3.6 GHz Power Amplifier 3号至三月六日GHz功率放大 Single-band power amplifiers The RFS1006 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in a transmit applications in the 3.4-3.6 ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
AUIRF2905ZSTRL AUIRF2905ZSTRR AUIRFR2905ZTR AUIRFR |
HEXFET垄莽 Power MOSFET HEXFET庐 Power MOSFET HEXFET? Power MOSFET 42 A, 55 V, 0.0145 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Ultra Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
TDA4863-2 TDA4863-2G Q67040-S4620 Q67040-S4621 |
Power Control ICs - PFC-IC for high Output Power in SMD-Package Power Factor Controller IC for High Power Factor and Low THD
|
INFINEON[Infineon Technologies AG]
|
TA8260AH |
Max Power 40 W BTL 4CH Audio Power IC Max Power 40 W BTL 】 4CH Audio Power IC Max Power 40 W BTL x 4CH Audio Power IC RAC15-TA(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; Features: Compact AC-DC Power
|
Toshiba Semiconductor Toshiba Corporation
|
BLF872 BLF872-2015 |
UHF power LDMOS transistor UHF power LDMOS transistor - Description: UHF LDMOS POWER Transistor ; Efficiency: 55 %; Frequency band: 470-860 GHz; Output power: 300 W; Package material: SOT800A ; Power gain: 16.5 dB
|
NXP Semiconductors Quanzhou Jinmei Electro...
|
MCP-02D-0805 MCP-02S-08 MCP-02D-0803 MCP-02D-1403 |
2W Output Power Compact, Board Mount 2W Constant Power Mode AC/DC Power Supplies
|
MicroPower Direct, LLC
|
2SD1719 |
Power Device - Power Transistors - General-Purpose power amplification Silicon NPN triple diffusion planar type
|
Panasonic Semiconductor
|
2SB1724 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SB1180 2SB1180A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|