PART |
Description |
Maker |
RFSP2020 PRFS-P2020-005 PRFS-P2020-006 PRFS-P2020- |
The RFS P2020 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... Single-band power amplifiers 2.4-2.5 GHz Power Amplifier
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
AMMC-5618 AMMC-5618-W10 AMMC-5618-W50 |
6000 MHz - 20000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 6 - 20 GHz Amplifier AMMC-5618 · 6-20 GHz Amplifier
|
AGILENT TECHNOLOGIES INC Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
SST12LP10-QVCE SST12LP14-QVCE SST12LP14-QVC-K SST1 |
2.4 GHz High-Linearity Power Amplifier 2.4 GHz Power Amplifier
|
SST[Silicon Storage Technology, Inc]
|
AWB7128 AWB7128P8 |
2.545 GHz through 2.69 GHz Small-Cell Power Amplifier Module
|
ANADIGICS, Inc
|
AWB7123HM41P8 |
1.93 GHz through 1.99 GHz Small-Cell Power Amplifier Module
|
ANADIGICS, Inc
|
AWT6283RM49P8 |
3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
|
ANADIGICS, Inc
|
BGA318 Q62702-G0043 |
From old datasheet system Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz) 硅双极单片放大器(级0瓦,增益模块十六分贝典型增益.0 GHz2 dBm典型的P - 1dB的在1.0千兆赫) Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz) 0 MHz - 1200 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
CPT-18-6028 |
Temperature Compensated Power Amplifier 6 GHz - 18 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|
CPT-8-2013 |
Temperature Compensated Power Amplifier 2 GHz - 8 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|
TPT-18-6036 |
Temperature Compensated Power Amplifier 6 GHz - 18 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|