PART |
Description |
Maker |
MIC2238-GSYML MIC2238-521YML MIC2238-AAYML MIC2238 |
2.5MHz Dual Phase PWM Buck Regulator Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator 1.8 A DUAL SWITCHING CONTROLLER, 2875 kHz SWITCHING FREQ-MAX, PDSO12
|
Micrel Semiconductor, Inc.
|
LTC3407-4 |
Dual Synchronous 800mA 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3417AEDHCTR LTC3417AEFETR |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 2.5 A DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3548AEDDPBF LTC3548AIDDPBF LTC3548AIDDTRPBF LTC |
Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
SP6654 SP6654ER SP6654EU SP6654EU_TR SP6654ER_TR S |
High Efficiency 800mA Synchronous Buck Regulator w/power good High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery 高效00mA的同步降压稳压器的理想与锂离子电池供电的便携式设
|
SIPEX[Sipex Corporation] Exar, Corp.
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3527-1 LTC3527EUD-1 LTC3527EUD-1-PBF LTC3527EUD |
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
|
Linear Technology
|
LTC3527EUD-PBF LTC3527EUD-TRPBF |
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
|
Linear Technology
|
EP5388QI |
800mA Synchronous Buck Regulator
|
Enpirion
|
AP3406A |
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
|
BCD Semiconductor Manufacturing Limited
|
R1170H301B R1170H301B-T1 R1170H301B-T2 R1170H301B- |
800mA LDO REGULATOR 800mA LDO REGULATOR 1.6 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO6 800mA LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.1 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 CAPS, COAX CONNECTOR; SC MALE CAP (WITH CHAIN); SC MALE CAP (WITH CHAIN) 4 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, DSO6 800mA LDO REGULATOR 800mA的LDO稳压 800mA LDO REGULATOR 2.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 800mA LDO REGULATOR 1.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6 800mA LDO REGULATOR 4 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.9 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.8 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 VOLT REG POS 4V 100MA SMD TO-243 CABLE 10COND 24AWG UNSHLD UL2464
|
RICOH electronics devic... RICOH COMPANY LTD Ricoh Co., Ltd. RICOH[RICOH electronics devices division]
|