PART |
Description |
Maker |
L2N7002DMT1G L2N7002DMT3G |
Small Signal MOSFET 115 mAmps, 60 Volts N?Channel SC?4
|
Leshan Radio Company
|
2N7000RLRPG 2N7000G 2N7000ZL1G |
Small Signal MOSFET 200 mAmps 60 Volts
|
ON Semiconductor
|
2N700007 2N7000RLRPG 2N7000 2N7000G 2N7000RLRA 2N7 |
Small Signal MOSFET 200 mAmps, 60 Volts N?Channel TO?92 200 mAMPS 60 VOLTS Small Signal MOSFET 200 mAmps, 60 Volts N−Channel TO−92 200 mAMPS 60 VOLTS
|
ONSEMI[ON Semiconductor]
|
VN2410L-D |
Small Signal MOSFET 200 mAmps, 240 Volts N-Channel TO-92
|
ON Semiconductor
|
VN0300L/D VN0300L-D |
Small Signal MOSFET 200 mAmps, 60 Volts N-Channel TO-92 Small Signal MOSFET 200 mAmps60 Volts
|
ON Semiconductor
|
2N7002TA |
115 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc.
|
BSS8402DW-7-F BSS8402DW08 |
COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 115 mA, 60 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
BUZ40B BSP372 BSP373 BSS129 BSS101 SN7000 BSS135 |
8 A, 500 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 TO-220, 3 PIN SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated 1.7 A, 100 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated) 150 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 130 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 250 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 80 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Infineon Technologies AG SIEMENS AG SIEMENS A G
|
NTR2101P NTR2101PT1 |
Small Signal MOSFET 8.0V, 3.7A, Single P Channel, SOT23(8.0V, 3.7A双功率MOSFET) 小信号MOSFET 8.0V.7A,单P通道,SOT23封装8.0V.7A双功率MOSFET的) Small Signal MOSFET -8 V, -3.7 A, Single P-Channel, SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 3700 mA, 8 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
BSS192P |
Low Voltage MOSFETs - Small Signal MOSFET, -250V, SOT-89, RDSon = 12 SIPMOS Small-Signal-Transistor OptiMOS -P Small-Signal-Transistor
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
|