PART |
Description |
Maker |
PBHV8540T |
500 V, 0.5 A NPN high-voltage low VCEsat (BISS) transistor
|
NXP Semiconductors
|
PMBTA45 |
150 MA NPN High-voltage Low VCEsat (BISS) Transistor
|
Philips Semiconductors
|
PBHV8115T |
150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
|
NXP Semiconductors
|
PBHV9115Z |
150 V, 1 A PNP high-voltage low VCEsat (BISS) transistor
|
NXP Semiconductors
|
PBSS2515M PBSS2515M315 |
15 V. 0.5 A NPN low VCEsat (BISS) transistor 15 V, 0.5 A NPN low VCEsat (BISS) transistor; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP SEMICONDUCTORS Philips
|
MAX900 MAX900ACPP MAX900ACWP MAX900AEPP MAX900AEWP |
High-Speed, Low-Power Voltage Comparators High-Speed Low-Power Voltage Comparators High-Speed / Low-Power Voltage Comparators Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
PBHV8115T08 |
150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor 150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
|
NXP Semiconductors
|
PBHV9040T09 |
500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor 500 0.25安PNP高电压低饱和压降(BISS) 晶体 500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
|
NXP Semiconductors N.V.
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
IXGH25N100 IXGH25N100A IXGM25N100A IXGM25N100 |
Low VCE(sat), High speed IGBT 50 A, 1000 V, N-CHANNEL IGBT, TO-247AD Low V High speed IGBT
|
IXYS, Corp. IXYS[IXYS Corporation]
|
LT1028A LT1128A LT1028CSW |
Ultralow Noise Precision High Speed Op Amps Unity Gain Stable Ultra-Low Noise Precision High Speed Op Amp Ultra Low Noise Precision High Speed Op Amps
|
Linear Technology
|