PART |
Description |
Maker |
IRFR9210N IRFRU9120N IRFU9120N FR9120N |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A) 功率MOSFET(减振钢板基本\u003d- 100V的,的Rds(on)\u003d 0.48ohm,身份证\u003d- 6.6A P Channel Straight Lead HEXFET Power MOSFET(P沟道HEXFET功率MOS场效应管) P通道直铅HEXFET功率MOSFET的性(P沟道的HEXFET功率马鞍山场效应管) P Channel Straight Lead HEXFET Power MOSFET(P娌??HEXFET???MOS?烘?搴??)
|
IRF International Rectifier, Corp.
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRLI540N |
HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET功率MOSFET(马鞍山的HEXFET功率场效应管 HEXFET? Power MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFL024 IRFL024N IRFL024NTRPBF IRFL024NTR |
Surface Mount Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V Rds(on)=0.075ohm Id=2.8A) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) Advanced Process Technology
|
IRF[International Rectifier]
|
IRF7475 |
HEXFET Power MOSFET Selection for Non-Isolated DC/DC Converters From old datasheet system 12V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
IRFI9Z34G IRFI9Z34GPBF |
-60V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRFI9Z24N |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET Power MOSFET
|
International Rectifier
|
IRFIZ24G IRFIZ24GPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRLI520G |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET-R POWER MOSFET
|
IRF[International Rectifier]
|
PST593DM PST592C PST592CM PST591JM PST591H PST591H |
30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7901D1 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7752 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7301 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7303 with Lead Free Packaging 200V Dual N-Channel Digital Audio HEXFET Power MOSFET in a TO-220 Full-Pak(Iso) package.; A IRFI4020H-117P with Standard Packaging 电压检测器 Voltage Detector 电压检测器 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9956 with Standard Packaging 电压检测器 30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9952 with Lead Free Packaging 电压检测器
|
NXP Semiconductors N.V. Intersil, Corp.
|