PART |
Description |
Maker |
ICL232 FN3020 |
5V Powered, Dual RS-232 Transmitter/Receiver From old datasheet system
|
Intersil
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
CA82C50A-ID CA82C50A-IJ CA82C50A-IP CA82C50A-CD CA |
UART VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR /- 15 kV ESD protected 5 V RS-232 transceiver 5 V powered multi-channel RS-232 drivers and receivers 3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers 异步
|
Advanced Analogic Technologies, Inc.
|
HIN231 HIN234 HIN235 |
5V Powered RS-232
Transmitters/Receivers(V电源电压收RS-232收发 5V Powered RS-232
Transmitters/Receivers(V电源电压、RS-232收发
|
Intersil Corporation
|
MAX244C_D MAX22010 MAX245C_D MAX241C_D MAX247C_D M |
5V-Powered, Multichannel RS-232 Drivers/Receivers 5 LINE TRANSCEIVER, PQFP44 5V-Powered, Multichannel RS-232 Drivers/Receivers
|
Maxim Integrated Products MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|
5962-9205406HXA 5962-9205406HXC 5962-9205402HXC |
Converter 1µA, 1.8V to 4.25V RS-232 Transceiver with AutoShutdown™ 2.7V to 3.6V Powered, 1µA Supply Current, 3-Driver/5-Receiver, True RS-232 Transceiver 转换
|
TE Connectivity, Ltd.
|
MAX211C/D MAX204C/D MAX201C/D MAX209C/D MAX209CWG |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors QUAD LINE TRANSCEIVER, PDSO28 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDSO24 IC-SM-DUAL TRX (TUBE) 5V-Powered / Multichannel RS-232 Drivers/Receivers 5V RS-232 Transceivers with 0.1uF External Capacitors
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. http:// Maxim Integrated Produc...
|
LDM2485A-PJ4 LDM2485A-P25S LDM2485A-PJ1 LDM2485A-S |
Signal Powered High Speed RS-232 to RS-485 Converters 支持高速信号的RS - 232到RS - 485转换 Signal Powered High Speed RS-232 to RS-485 Converters 支持高速信号的RS - 232RS - 485转换
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers
|
MAX232-ACWE MAX232AESE-T MAX233AEWP-TG36 |
5V-Powered, Multichannel RS-232 Drivers/Receivers
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX220CPE MAX232ACWE MAX232A MAX220 MAX222 MAX223 |
" 5V-Powered, Multichannel RS-232 Drivers/ Receivers" 5V-Powered, Multichannel RS-232 Drivers/Receivers
5V-Powered, Multichannel RS-232
Drivers/Receivers
|
MAXIM - Dallas Semiconductor
|
MAX251 MAX251CPD MAX251CSD MAX251EJD MAX251EPD MAX |
Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:90; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V Powered Isolated RS-232 Drivers/Receivers From old datasheet system 5V, Isolated, RS-232 Driver Receiver Hex schmitt-trigger inverters 14-SO 0 to 70
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|