PART |
Description |
Maker |
EDI8F8512C85B6I EDI8F8512LP85BSC EDI8F8512C85BSI E |
Monolithic 1A Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R Monolithic 1A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 4-Channel DC/DC Controller; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R Monolithic 600mA Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP High Frequency PWM Step-Up Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP Monolithic 2A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R Monolithic 2A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM模块 Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP x8的SRAM模块 Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM模块
|
Electronic Theatre Controls, Inc. Glenair, Inc. Amphenol, Corp.
|
LTC3412AIUFTRPBF LTC3412AEFETRPBF LTC3412AEUFPBF |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 6 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PQCC16 2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 6 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO16 2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
EL7464CRE-T13 EL7564CRE |
Monolithic 4 Amp DC:DC Step-down Regulator
|
Elantec Semiconductor
|
LTC3419EMS-1PBF LTC3419EDD-1PBF |
Dual Monolithic 600mA Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 1.2 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Monolithic 600mA Synchronous Step-Down Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.2 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
ISL97656IRTZ ISL97656IRTZ-T ISL97656IRTZ-TK INTERS |
Integrated 4A Switch PWM Step-Up Regulator 640kHz/1.2MHz PWM Step-Up Regulator; Temperature Range: -40°C to 85°C; Package: 10-TDFN T&R 5.1 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO10
|
Intersil Corporation Intersil, Corp.
|
LTC1876EGTRPBF |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
LTC1875 LTC1875EGN |
15A Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator 1.5A, 15uA Quiescent Current Monolithic Synchronous Step-Down Regulator 15mA Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
1-2007614-5 |
STEP-Z Mezzanine Connectors; STEP-Z 15MM PLUG 200P ( AMP )
|
Tyco Electronics
|
ISL6443AIRZ-TK |
300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R DUAL SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp.
|
ISL97519A ISL97519AIUZ-TK |
600kHz/1.2MHz PWM Step-Up Regulator; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8
|
Intersil Corporation Intersil, Corp.
|