PART |
Description |
Maker |
B25673A4072A540 B25673A4072A54009 |
Film capacitors - Power Factor Correction PhaseCap Compact capacitors
|
Epson Company EPCOS
|
B25836B6336A305 |
Film capacitors - Power Factor Correction MKV capacitors
|
EPCOS
|
UPJ1V821MHD6 UPJ1E391MPD UPJ1H100MDD UPJ1H470MED1A |
ALUMINUM ELECTROLYTIC CAPACITORS nullALUMINUM ELECTROLYTIC CAPACITORS Low Impedance, For Switching Power Supplies
|
Nichicon corporation
|
LT1039A-16 LT1039A LT1039ACN1 LT1039ACSW LT1039AI |
Triple RS232 Driver/Receiver with Shutdown From old datasheet system TERM BLOCK HDR 5.08MM 15POS PCB JT 61C 61#20 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
B32333-450 |
Film Capacitors ?AC Capacitors Motor run capacitors
|
TDK Electronics
|
B3232C1126J00 B3232C1205J00 B3232C1146J00 B3232C13 |
Film capacitors ?AC capacitors Motor run capacitors
|
TDK Electronics
|
B25631A0127K800 B25631A0187K800 B25631A0157K700 B2 |
Film Capacitors - Power Electronic Capacitors Film Capacitors - Power Electronic Capacitors
|
TDK Electronics
|
LT1181A LT1180A LT1180ACN LT1180ACSW LT1180AIN LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
|
Linear Technology, Corp. Linear Integrated Systems
|
250R18W105ZV4E 250R18W105ZV4T 500R18Y105KV4E 6R3R1 |
Tanceram㈢ Chip Capacitors Tanceram? Chip Capacitors Tanceram庐 Chip Capacitors Tanceram垄莽 Chip Capacitors
|
List of Unclassifed Manufacturers ETC
|