PART |
Description |
Maker |
GMR30H150CTPF3T GMR30H150C GMR30H150CTA3R GMR30H15 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
|
GAMMA[Gamma Microelectronics Inc.]
|
P4SMAJ16 |
400 Watt Transient Voltage Suppressors 5.0 to 170 Volts 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC
|
Micro Commercial Components, Corp.
|
1SMA17AT3G |
400 Watt Peak Power Zener Transient Voltage Suppressors 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
SPK1245-C-S-A01 |
SCHOTTKY BARRIER SOLAR RECTIFIE VOLTAGE 45 Volts CURRENT 12 Amperes
|
Rectron Semiconductor
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
P4SMAJ8.0 P4SMAJ8.0A P4SMAJ7.0 P4SMAJ110 P4SMAJ190 |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC
|
Pan Jit International Inc. Pan Jit International I...
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
P4KE51CA-T P4KE62A-T |
400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-41 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-41
|
RECTRON LTD
|
1N755A-1 1N750A-1 1N759 1N4752 1N756A-1 |
7.5 V, 400 mW silicon zener diode 4.7 V, 400 mW silicon zener diode 12 V, 400 mW silicon linear diode 33 V, 1 W silicon zener diode 8.2 V, 400 mW silicon zener diode
|
BKC International Electronics
|
1SMA24AT3 1SMA70AT3 1SMA40AT3 1SMA5.0AT3 1SMA6.0AT |
Zener Transient Voltage Suppressors 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE PT 1.5/ 4-3.5-H PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 5.08 VOLTS VR 400 WATTS PEAK POWER From old datasheet system
|
ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
APT60D40SG APT60D40B APT60D40B_05 APT60D40BG APT60 |
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE Fast Recovery Epitaxial Diode; Package: D3 [S]; IO (A): 60; VR (V): 400; trr (nsec): 30; VF (V): 1.3; Qrr (nC): 540; 60 A, 400 V, SILICON, RECTIFIER DIODE
|
ADPOW[Advanced Power Technology] Microsemi, Corp.
|
|