PART |
Description |
Maker |
F7-16 |
Power Transformer Chassis Mount: Quick Pack
|
TRIAD MAGNETICS
|
FD7-10 |
Power Transformer Chassis Mount: Quick Pack
|
List of Unclassifed Manufacturers
|
FD6-16 |
Power Transformer Chassis Mount: Quick Pack
|
List of Unclassifed Manufacturers
|
VPS36-1200 |
POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES
|
TRIAD MAGNETICS
|
VPS24-1000 |
POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES
|
TRIAD MAGNETICS
|
LFM20-9P LFM20-3.3P LFM20-5P LFM20-15 |
CONN,RF,SMA,901-9876-RFX-VP, PLUG,CRIMP,RG-58/U,50 OHM CONN,RF,SMA,901-143-6RFX-VP, JACK,RECEPTABLE,PCB,R/A,50 OHM CONN,SMA,FEMALE,PCB MOUNT, 19-46G-R,901-144-8RFX-VP-R TRANS,WALL,1.5,3,4.5,6,7.5,9, 12VDC/1000mA,(120/220VAC) CONN,RF,SMA,901-9877-RFX-VP, PLUG,CRIMP,RG-174/U,50 OHM CONN,RF,MMCX,908-43200-VP, PLUG,CRIMP,R/A,RG-178,50 OHM 20W Ultraminiature Open Frame Switching Power Supplies
|
Astrodyne, Inc.
|
PL-12 PL-13 PL-14 PL-11 PL-34 PL-1101AS PL-33 PL-3 |
POWER TRANSFORMER, 0.75 VA POWER TRANSFORMER, 4.5 VA POWER TRANSFORMER, 1.5 VA ROHS COMPLIANT POWER TRANSFORMER, 10 VA ROHS COMPLIANT Low Power Transformers Single Primary, Input 115 Volts Dual Secondary: PL-11 thru -14, Single Secondary: PL-32 thru -34
|
VISHAY DALE Vishay Intertechnology, Inc. Vishay Siliconix
|
LGT125-11 LGY500-11 EYT750-21 EIT750-11 EIT500-11 |
POWER TRANSFORMER, 125 VA POWER TRANSFORMER, 500 VA POWER TRANSFORMER, 750 VA
|
TAIYO YUDEN CO LTD
|
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
CTSPWF-613-D CTSPWF-611-D CTSPWF-603-D CTSPWF-500- |
POWER TRANSFORMER, 1.1 VA Power Transformers - Standard E Dual 115V POWER TRANSFORMER, 20 VA
|
Central Technologies http://
|
A-HDS26-HOOD-WP-R |
D-SUB CONN. ASSY SCREW HD26P M CONN M PIN
|
Assmann Electronics Inc.
|
CTSPWF-100 CTSPWF-101 CTSPWF-102 CTSPWF-103 CTSPWF |
POWER TRANSFORMER, 6 VA POWER TRANSFORMER, 12 VA Power Transformers - Low Profile
|
http:// Central Technologies
|
|