PART |
Description |
Maker |
SLVU2.8-8G |
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
|
Protek Devices
|
PSR0512 |
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
|
Protek Devices
|
SR12 |
500 WATT low capacitance steering diode/TVS array
|
http://
|
PSRDA05-4 PSRDA12-4 PSRDA15-4 PSRDA3.3-4 PSRDA3.3- |
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
|
Protek Devices
|
PSRDA3.3-412 |
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
|
Protek Devices
|
USB50805 USB50815C USB50805C USB50824 USB50824C US |
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
|
Protek Devices
|
PWC PWC-24S PWC-5 PWC-15 PWC-3.3E PWC-3.3S PWC-5S |
TRANS,WALL,12VDC/200mA,F2 2.5mmX5.5mm,R ANGLE,UL,CSA AP,CERM,DISC,.001uF,50V,20%, INCREMENTS of 10 TRANS,WALL,14VDC/200mA,F2, 2.1mm X 5.5mm,UL/CUL PowerBlock微小瓦电源供应器 PowerBlock Micro-Miniature 5 Watt Switching Power Supplies PowerBlock微小瓦电源供应器
|
Astrodyne, Inc.
|
SAC18 SAC10 SAC8.0 SAC7.0 SAC12 |
500 Watts Axial Leaded Low Capacitance Transient Voltage Suppressor
|
SUNMATE electronic Co.,...
|
PE7032-30 |
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz
|
Pasternack Enterprises,...
|
P5KE6.0 P5KE6.0A P5KE6.5 P5KE6.5A P5KE14A P5KE14 P |
500 Watt Transient Voltage Suppressors 5.0 to 170 Volts 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components] Micro Commercial Compon...
|
UMA130A UMA120CA UMA12CA UMA11CA UMA120A UMA150A U |
ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V 500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Microsemi, Corp.
|