PART |
Description |
Maker |
SHM120F |
50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER
|
Solid States Devices, Inc.
|
SHM100UF |
50-250 mA 1500-14000 VOLTS 60-100 nsec HIGH VOLTAGE RECTIFIER 0.1 A, SILICON, SIGNAL DIODE
|
Solid State Devices, Inc.
|
SHM120UFSMS |
50-250 mA 1500-14000 VOLTS 60-100 Nsec HIGH VOLTAGE RECTIFIER 0.1 A, SILICON, SIGNAL DIODE
|
Solid State Devices, Inc.
|
SHM40SMS SHM60SMS SHM80SMS SHM100SMS SHM15SMS SHM2 |
100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER
|
Solid States Devices, I... SSDI[Solid States Devices, Inc]
|
R9G23215 R9G22015 R9G22815 R9G22215 R9G21415 R9G23 |
1500 A, 3000 V, SILICON, RECTIFIER DIODE Fast Recovery Rectifier (1500 Amperes Average 3600 Volts) 快速恢复整流器(一五?安培平600伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
1.5KE22C 1.5KE75C 1.5KE16CA 1.5KE62CA 1.5KE6.8C 1. |
Ppk=1500W, Vc=574V transient voltage suppressor 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-SM8 -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 18-Bit Universal Bus Driver With 3-State Outputs 56-TVSOP -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Ppk=1500W, Vc=258V transient voltage suppressor
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
VN2222LL/D VN2222LL-D |
Small Signal MOSFET 150 mAmps, 60 Volts N-Channel TO-92 Small Signal MOSFET 150 mAmps60 Volts
|
ON Semiconductor
|
CM350DU-5F |
Trench Gate Design Dual IGBTMOD 350 Amperes/250 Volts Trench Gate Design Dual IGBTMOD⑩ 350 Amperes/250 Volts Trench Gate Design Dual IGBTMOD350 Amperes/250 Volts
|
POWEREX[Powerex Power Semiconductors]
|
MJE15030 MJE15031 MJE15029 MJE15028 ON2012 |
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS 8 A, 150 V, PNP, Si, POWER TRANSISTOR, TO-220AB From old datasheet system SEMICONDUCTOR TECHNICAL DATA
|
MOTOROLA INC Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
CD4094BFX CD4017BD3A CD40109BEX CD40109BD CD4556BF |
4000/14000/40000 SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP16 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 10-BIT UP RING COUNTER, CDIP16 DIP-16 4000/14000/40000 SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDIP16 4000/14000/40000 SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, CDIP16 4000/14000/40000 SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, CDIP16 4000/14000/40000 SERIES, OTHER DECODER/DRIVER, TRUE OUTPUT, PDIP16 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT DOWN BINARY COUNTER, CDIP16 HEX TTL/CMOS TO CMOS TRANSLATOR, CDIP16 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, CDIP16 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, CDIP16 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 7-BIT UP BINARY COUNTER, CDIP14 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16 4000/14000/40000 SERIES, 8 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, CDIP16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
ST1.5KA7.5 |
1500 WATT 7.5-270 VOLTS TRANSIENT SUPPRESSORS
|
Solid States Devices, Inc. SSDI[Solid States Devices, Inc]
|
3403.0281.23 3403.0284.11 |
Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
|
Schurter Inc.
|
|