PART |
Description |
Maker |
SHB601052E |
Silicon Carbide Single Phase Full Wave Bridge
|
Sensitron
|
SHB601112E |
SILICON CARBIDE SINGLE PHASE FULL WAVE BRIDGE
|
Sensitron
|
SHB681123E |
HIGH VOLTAGE SILICON CARBIDE SINGLE PHASE FULL WAVE BRIDGE
|
Sensitron
|
SHD617052BN SHD617052AN SHD617052AP SHD617052BP SH |
HERMETIC SILICON CARBIDE RECTIFIER 5 A, SILICON CARBIDE, RECTIFIER DIODE
|
Sensitron Semiconductor
|
SHD620150P |
HERMETIC SILICON CARBIDE RECTIFIER 20 A, SILICON CARBIDE, RECTIFIER DIODE
|
Sensitron Semiconductor
|
UPSC203 UPSC403 UPSC603 |
Silicon Carbide Schottky Rectifiers Silicon Carbide (SiC) Schottky
|
Microsemi Corporation
|
SIDC24D60SIC3 |
Silicon Carbide Ultrafast Schottky Diode Chips Silicon Carbide Schottky Diode
|
INFINEON[Infineon Technologies AG]
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
VKO55-14IO7 VKO55-16IO7 VKO55-12IO7 VGO55-08IO7 VG |
Single Phase Rectifier Bridge 41 A, 1600 V, SCR Single Phase Rectifier Bridge 41 A, 1400 V, SCR Single Phase Rectifier Bridge 41 A, 1200 V, SCR Single Phase Rectifier Bridge 41 A, 800 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
KBPC606 KBPC604 KBPC6005 KBPC610 KBPC601 KBPC602 K |
Single 2-Input Positive-AND Gate 5-SOT-23 -40 to 85 SINGLE PHASE SILICON BRIDGE RECTIFIER
|
Shanghai Sunrise Electronics Co., LTD. SSE[Shanghai Sunrise Electronics]
|
MB354 KBPC3502 KBPC35005 KBPC3508 KBPC3504 KBPC351 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Hex Schmitt-Trigger Inverters 14-TSSOP -40 to 85 Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs 14-SOIC -40 to 85 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 技术规格单相硅桥式整流
|
DC Components Co., Ltd.
|