PART |
Description |
Maker |
CMSH3-20MA CMSH3-100MA CMSH3-40MA CMSH3-60MA |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS SMD Schottky Rectifier Single
|
Central Semiconductor Corp.
|
1N6843 |
Schottky Rectifier 100 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
|
Microsemi Corporation
|
72CPQ030 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 70 Amp 30V 70A Schottky Common Cathode Diode in a TO-247AC package
|
IRF[International Rectifier]
|
LSM150 LSM140 LSM145 |
1 Amp Schottky Rectifier 1 Amp Schottky Rectifier 1 A, 45 V, SILICON, SIGNAL DIODE, DO-213AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
UPDS1045 |
10 Amp Schottky Barrier Rectifier PowerDI 5 10 Amp Schottky Barrier Rectifier PowerDI⑩ 5
|
MICROSEMI[Microsemi Corporation]
|
SS210 SS210-TP SS22-TP SS25-TP SS28-TP |
Lead Free Finish/Rohs Compliant (Note1) (PSuffix designates Compliant. See ordering information) 2 Amp Schottky Rectifier 20 to 100 Volts 2 Amp Schottky Rectifier 20 to 100 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
245NQ015R 245NQ015 |
SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 240 Amp
|
International Rectifier, Corp. IRF[International Rectifier]
|
30WQ05F 30WQ06F |
50V 3.3A Schottky Discrete Diode in a D-Pak package SCHOTTKY RECTIFIER 3.3 Amp
|
IRF[International Rectifier]
|
6TQ035 10TQ040 MBR730 MS1004 6TQ040 MS1002 MS1003 |
Schottky Rectifier 10 AMP SCHOTTKY BARRIER RECTIFIERS From old datasheet system N/A
|
MICROSEMI[Microsemi Corporation]
|
80CPT015 |
15V 80A Schottky Discrete Diode in a TO-247AC package SCHOTTKY RECTIFIER 80 Amp
|
IRF[International Rectifier]
|
30CTQ-1 30CTQS 30CTQ 30CTQ080 |
80V 30A Schottky Common Cathode Diode in a TO-220AB package SCHOTTKY RECTIFIER 30 Amp
|
International Rectifier
|
15TQ060S 15TQ060 15TQ060STRL |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 15 Amp 60V 15A Schottky Discrete Diode in a D2-Pak package 60V 15A Schottky Discrete Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|