PART |
Description |
Maker |
FDC37B77X FDC37B777 FDC37B770 FDC37B771 FDC37B772 |
ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
|
SMSC[SMSC Corporation]
|
FDC37B77X |
Enhanced Super I/O Controller with Wake-Up Features and Consumer IR
|
Standard Microsystems
|
MCP3004 MCP300X MCP3001 MCP3002 MCP3008 |
The MCP3008 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3008 features a successive approximation register (SAR) The MCP3004 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3004 features a successive approximation register (SAR) The MCP3002 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3002 features a successive approximation register (SAR) MCP300X 10-Bit Analog-to-Digital Converters
|
ETC MICROCHIP[Microchip Technology]
|
NJU7119 NJU7119F3 |
LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
|
NJRC[New Japan Radio]
|
PS7801C-1A |
4-PIN ULTRA SMALL FLAT-LEAD SUPER LOW OUTPUT CAPACITANCE
|
Renesas Electronics Corporation
|
UPA826TC UPA826TC-T1 |
RAC15-TB(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 15V; Features: Compact AC-DC Power NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5010 FLAT-LEAD 6-PIN THIN -TYPE ULTRA SUPER MINIMOLD
|
NEC Corp.
|
GRF22N2BBRLN |
Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPST; Switch Operation:On-Off; Contact Current Max:15A; Switch Terminals:Screw; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator; Features: RoHS Compliant: Yes
|
THE CHERRY CORP
|
NJU7108 NJU7108F3 |
LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
|
NJRC[New Japan Radio]
|
MCP3201-CI/SN MCP3201-CI/ST MCP3201-CI/P MCP3201-B |
The MCP3201 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ... The MCP3201 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3201 features a successive approximation register (SAR)
|
Microchip
|
MCP3001 MCP3001T-I/SN MCP3001T-I/ST MCP3001-I/P MC |
The MCP3001 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3001 features a successive approximation register (SAR) The MCP3001 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ... 2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
|
Microchip Technology
|
NJU7109 |
LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
|
New Japan Radio
|
IPD230N06NG IPD230N06NG08 |
OptiMOS庐 Power-Transistor Features For dc/dc converters and sync. rectification OptiMOS? Power-Transistor Features For dc/dc converters and sync. rectification 30 A, 60 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
Infineon Technologies AG
|