PART |
Description |
Maker |
MAX19517 |
Dual-Channel, 10-Bit, 130Msps ADC
|
Maxim Integrated Products
|
ISLA214IR72EV1Z ISLA212P13IRZ ISLA212P25IRZ ISLA21 |
12-Bit, 250MSPS/200MSPS/130MSPS ADC
|
Intersil Corporation
|
ISLA224IR72EV1Z ISLA222P20IRZ ISLA222P25IRZ ISLA22 |
Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
|
Intersil Corporation
|
ISLA224P20IRZ ISLA224P25 ISLA222P13 ISLA222P20 ISL |
Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
|
Intersil Corporation
|
LTC2208IUP-14TR LTC2208CUP-14TR |
16-Bit, 130Msps ADC; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 16-Bit, 130Msps ADC; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
AD878JP |
16-Bit, 130Msps ADC; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C 16-Bit, 130Msps ADC; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C 模拟到数字转换器4
|
Maxim Integrated Products, Inc.
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
MAX1214EGKD MAX1228AEEP-T MAX1229AEEPT |
1.8V, 12-Bit, 210Msps ADC for Broadband Applications 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC68 12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20
|
Maxim Integrated Products, Inc.
|
HI5960 |
D/A Converter, 130MSPS, 14-Bit, High Speed
|
Intersil
|
MAX162 MAX162ACNG MAX162ACWG MAX162AING MAX162AMRG |
Complete High-Speed CMOS, 12-Bit ADC " Complete High-Speed CMOS, 12- Bit ADC" JT 3C 3#16 PIN RECP Complete High-Speed CMOS 12-Bit ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 16-Bit Ultra-Low-Power Microcontroller, 16kB OTP, 512B RAM, 92 segment LCD 56-SSOP -40 to 85
|
MAXIM - Dallas Semiconductor http:// MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD7892 AD7892AN-1 AD7892AN-2 AD7892AN-3 AD7892AR-1 |
True Bipolar Input, Single Supply, Parallel, 12-Bit 600 kSPS ADC LC2MOS Single Supply/ 12-Bit 600 kSPS ADC Ultra-High-Precision SOT23 Series Voltage Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, UUC LC2MOS Single Supply, 12-Bit 600 kSPS ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP24 LC2MOS Single Supply, 12-Bit 600 kSPS ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 LC2MOS Single Supply, 12-Bit 600 kSPS ADC
|
http:// AD[Analog Devices] Analog Devices, Inc.
|