PART |
Description |
Maker |
HUF76409D3 HUF76409D3S |
17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 18 A, 60 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
Fairchild Semiconductor, Corp.
|
STS7NF60L |
N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET II POWER MOSFET N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFETII POWER MOSFET N沟道60V 0.017欧姆- 7.5A的SO - 8封装STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.017 OHM - 7.5A SO-8 STRIPFET II POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|
STB42N65M5 STF42N65M5 STI42N65M5 STP42N65M5 CD0022 |
High dv/dt capability N-channel 650 V, 0.070 Ω, 33 A MDmesh?V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247 N-channel 650 V, 0.070 Ω, 33 A MDmesh V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247 N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET N-channel 650 V, 0.070 Ohm, 33 A MDmesh(TM) V Power MOSFET in I2PAK
|
STMicroelectronics ST Microelectronics
|
STD17N05 STD17N06 STD17N05T4 STD17N06T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 17A I(D) | TO-252 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 17A条(丁)|52 TRANSISTOR | MOSFET | N-CHANNEL | 50V V(BR)DSS | 17A I(D) | TO-252 晶体管| MOSFET的| N沟道| 50V五(巴西)直| 17A条(丁)|52 N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
|
ON Semiconductor STMICROELECTRONICS[STMicroelectronics]
|
HUF76432P3 FN4673 HUF76432S3S HUF76432S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 56A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直|6A条(丁)|63AB Dual Differential Drivers And Receivers 16-TSSOP -40 to 85 59 A, 60 V, 0.019 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system
|
Intersil, Corp. Intersil Corporation
|
HUF75309T3ST |
3A/ 55V/ 0.070 Ohm/ N-Channel UltraFET Power MOSFET 3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
RF1S23N06LESM |
23A, 60V, 0.065 Ohm, Logic Level,N-Channel Power MOSFETs(23A, 60V, 0.065 Ω,逻辑电平,N沟道功率MOS场效应管) 23 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Intersil, Corp.
|
HUFA76413D3 HUFA76413D3S HUFA76413D3ST |
20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFETPower MOSFETs 20A/ 60V/ 0.056 Ohm/ N-Channel/ Logic Level UltraFET Power MOSFETs 20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs 20 A, 60 V, 0.061 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
HUF76437S3S FN4709 HUF76437P3 |
Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-SO -40 to 85 71 A, 60 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system 64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
Intersil, Corp. Intersil Corporation
|
|