PART |
Description |
Maker |
CM453232-4R7K CM453232-R56M CM453232-180K CM453232 |
SMT Chip Inductors 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 0.56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 0.18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 5.6 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 0.1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns, Inc. BOURNS INC
|
DT1608C-682 DT1608C-472 DT1608C-473 DT1608C-154 DT |
WIRE, 30AWG, RED, KYNAR WIRE 30 AWG BLU KYNAR TV 6C 6#8(TWINAX) SKT RECP SMT Power Inductors DT1608 Series SMT Power Inductors ? DT1608 Series SMT Power Inductors - DT1608 Series
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC]
|
SIMID-0603-C B82496C3121 B82496C3820 B82496C3189 B |
Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA SMT inductors, SIMID series SMT inductors, SIMID series
|
EPCOS
|
8401-XXX 8401-033 8401-022 8401-027 8401-180 8401- |
Inductors SMT Power Inductors 电感SMT功率电感
|
Filtran Ltd. Filtran, Ltd.
|
ELJ-LA4R7KF ELJLC4R7MF ELJPC220KF ELJPC220MF3 ELJP |
4. High Power Type PF, PE, PC, PA, PB, LC, LA Fixed Inductors Chip Inductors Fixed Inductors Chip Inductors
|
Panasonic Semiconductor
|
CM453232-390JL CM453232-R15KL CM453232-4R7JL CM252 |
Unshielded Surface Mount Inductors 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 0.15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 0.68 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 0.82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 0.12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Inductor Type:Standard; Inductance:560uH; Inductance Tolerance: 5 %; Current Rating:50A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
LL2012-F12NK LL2012-F22NJ LL2012-F22NK LL2012-F2N2 |
Multilayer Chip Inductors 1 ELEMENT, 0.012 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multilayer Chip Inductors 1 ELEMENT, 0.022 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Wirewound Chip Inductors 1 ELEMENT, 0.022 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multilayer Chip Inductors 1 ELEMENT, 0.0022 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multilayer Chip Inductors 1 ELEMENT, 0.0068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multilayer Chip Inductors 1 ELEMENT, 0.015 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multilayer Chip Inductors 1 ELEMENT, 0.0056 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multilayer Chip Inductors 1 ELEMENT, 0.018 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
TOKO, Inc. TOKO INC
|
B82498-AXXX |
SMT Inductors
|
EPCOS
|
B82422A3150K100 B82422A3100K100 B82422A3120K100 B8 |
SMT inductors
|
EPCOS
|
FM5820-AN FM5822-AN FM5821-AN |
Chip Schottky Barrier Diodes - Silicon epitaxial planer type SMT .1" PITCH SINGLE VERTICAL ROW 2 PIN HEADER SMT 肖特基二极管芯片-硅外延式龙门
|
美丽微半导体有限公司 Formosa Microsemi Co., Ltd.
|
MSS4020-103ML MSS4020-104ML MSS4020-123ML MSS4020- |
SMT Power Inductors
|
Coilcraft lnc.
|
DO3316P-XXX |
SMT Power Inductors
|
Coilcraft
|
|