PART |
Description |
Maker |
1N4148WT 1N4727A-1N4761A |
Silicon Epitaxial Planar Switching Diode Silicon Planar Power Zener Diodes
|
Kingtronics International Company Kingtronics Internation...
|
MA3330 MA3180 MAZ30820M MA3000 MA3140 MAZ3000 MAZ3 |
Silicon planar type Silicon planar type 33 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Small-signal device - Diodes - Zener Diodes Zener Diodes Silicon planar type
|
PANASONIC CORP Panasonic, Corp. http:// PANASONIC[Panasonic Semiconductor]
|
2SD1841 2SB1231 0756 |
PNP Epitaxial Planar Silicon Transistor 100V/25A Switching Applications From old datasheet system NPN Triple Diffused Planar Silicon Transistor
|
Sanyo
|
2SA1813 0156 |
PNP Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier Driver, Muting Circuit Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC3950 |
NPN Epitaxial Planar Silicon Transistor High-Definition CRT Display Video Output Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC4869 |
NPN Epitaxial Planar Silicon Transistor VHF to UHF Wide-Band Low-Noise Amplifier Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC5489 |
NPN Epitaxial Planar Silicon Transistor VHF to UHF Low-Noise Wide-Band Amplifier Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo Semicon Device
|
1N962 1N963 1N967 1N978 1N957 1N958 1N959 1N960 1N |
30 V, 4.2 mA, silicon planar zener diode 7.5 V, 16.5 mA, silicon planar zener diode SILICON PLANAR ZENER DIODES 14PX2R TH STRAIGHT CONN, 3PX1R TH STRAIGHT CONN. 2 POSITIONS ALIGNED 2.54MM 1X30FT SELF-FUSING TAPE DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Solder Tail; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 硅平面稳压二极管 CONN HDR 8POS RT ANG POST 硅平面稳压二极管 DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Wire Wrap; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 10 V, 12.5 mA, silicon planar zener diode 39 V, 3.2 mA, silicon planar zener diode 6.8 V, 18.5 mA, silicon planar zener diode
|
http:// SEMTECH[Semtech Corporation] Semtech, Corp. Honey Technology
|
2SC4413 |
NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC5541 |
NPN Epitaxial Planar Silicon Transistor UHF to S Band Low-Noise Amplifier Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo Semicon Device
|