PART |
Description |
Maker |
SD303C..CSERIES 2631 SD303C20S20C SD303C04S10C SD3 |
2500V Fast Recovery Diode in a DO-200AA (A-Puk) package 1600V Fast Recovery Diode in a DO-200AA (A-Puk) package 1400V Fast Recovery Diode in a DO-200AA (A-Puk) package 1200V Fast Recovery Diode in a DO-200AA (A-Puk) package 1000V Fast Recovery Diode in a DO-200AA (A-Puk) package 800V Fast Recovery Diode in a DO-200AA (A-Puk) package 2000V Fast Recovery Diode in a DO-200AA (A-Puk) package From old datasheet system FAST RECOVERY DIODES
|
International Rectifier
|
20ETF12STRR 20ETF08S 20ETF08STRL 20ETF08STRR 20ETF |
FAST SOFT RECOVERY RECTIFIER DIODE 800V Fast Recovery Diode in a D2-Pak package 1200V Fast Recovery Diode in a D2-Pak package 1000V Fast Recovery Diode in a D2-Pak package DIODE 20 A, 1200 V, SILICON, RECTIFIER DIODE, D2PAK-3, Rectifier Diode
|
IRF[International Rectifier] Vishay Semiconductors
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
SD1053C18S20L SD1053C18S30L SD1053C22S20L SD1053C2 |
920 A, 2200 V, SILICON, RECTIFIER DIODE, DO-200AB 1050 A, 2200 V, SILICON, RECTIFIER DIODE, DO-200AB 3000V Fast Recovery Diode in a DO-200AB (B-Puk) package 2800V Fast Recovery Diode in a DO-200AB (B-Puk) package 2500V Fast Recovery Diode in a DO-200AB (B-Puk) package 2200V Fast Recovery Diode in a DO-200AB (B-Puk) package 1800V Fast Recovery Diode in a DO-200AB (B-Puk) package
|
VISHAY SEMICONDUCTORS International Rectifier
|
40EPF06 40EPF02 40EPF04 |
600V Fast Recovery Diode in a TO-247AC (2-Pin) package 400V Fast Recovery Diode in a TO-247AC (2-Pin) package 200V Fast Recovery Diode in a TO-247AC (2-Pin) package FAST SOFT RECOVERY RECTIFIER DIODE
|
International Rectifier
|
DHG40C1200HB |
Sonic Fast Recovery Diode High Perfromance East Recovery Diode Low Lss and Soft Recovery Common Cathode
|
IXYS Corporation
|
DSEI60 DSEI60-06 DSEI60-06A DSEI600V |
Fast Recovery Epitaxial Diode (FRED) 快速恢复外延二极管(弗雷德 Fast Recovery Epitaxial Diode (FRED) 60 A, 600 V, SILICON, RECTIFIER DIODE, TO-247AD
|
IXYS, Corp. ETC IXYS[IXYS Corporation]
|
DH60-18A DH60-14A DH60-16A |
Fast Recovery Discrete Diodes From old datasheet system Fast Recovery Diode SONIC-FRD series
|
IXYS[IXYS Corporation]
|
TFR2N TFR2T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|
TFR1N TFR1T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (fast recovery)
|
TOSHIBA
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
PF75 |
0.18 A, 7500 V, SILICON, SIGNAL DIODE Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压,快速恢复整流二极管) Fast Recovery Axial Rectifier. 6000 V. Io=0.50 A RECTIFIER, 6kV, 500mA, 350ns PF75
|
Semtech Corporation
|