PART |
Description |
Maker |
AWM4000 AWM3000 AWM5000 |
(AWM Series) Airflow Sensors
|
Honeywell Sensing
|
BY359-1500 BY359-1500S |
Damper diode fast/ high-voltage SCREWDRIVER, SENSO PH NO.1 X 80SCREWDRIVER, SENSO PH NO.1 X 80; Tip type:Phillips; Length, blade:80mm; Driver type:Phillips No 1; Handle type:COLOUR CODED; Tip Size:No.1 Damper diode fast, high-voltage
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PSRL0402M-I PSRL0402MX-03I PSRL0402MX-05I PSRL0402 |
400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Medical Power Supply with Active PFC
|
Wall Industries,Inc.
|
AWM5104VA |
MASS AIRFLOW SENSOR
|
Honeywell Solid State Electronics Center
|
GPM200E GPM200F GPM200B GPM200D GPM200A |
Maximum Continuous Output Power at 50°C With external 26 cfm Airflow = 200 W
|
SL Power Electronics
|
415322-2 |
F Series and G Series; SURFACE MOUNT JACK, F SERIES ( AMP )
|
Tyco Electronics
|
LN248WALU LN248WAL |
5.0 mm × 2.0 mm Series 5.0 mm 】 2.0 mm Series FILTER, SAW, 315MHZ; Attenuation:1.9dB; Case style:QCC8B; Depth, external:1.5mm; Insertion loss:1.9dB; Length / Height, external:3.8mm; Temp, op. max 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
E9300B E9300A E9300H E9301A E9301B E9301H |
E9300B E-Series Average Power Sensor E9300A E-Series Average Power Sensor E9300H E-Series Average Power Sensor E9301A E-Series Average Power Sensor E9301B E-Series Average Power Sensor E9301H E-Series Average Power Sensor
|
Agilent (Hewlett-Packard)
|
SQP200 SQP20A SQP700 SQP SQP10A SQP300 SQP500 SQP1 |
AXIAL LEAD TYPE Standard TypeSQP Series, Non-Inductive TypeNSP Series
|
List of Unclassifed Manufacturers ETC[ETC]
|
KF2002-GF71A |
Thermal Printheads > For ECR > KF2002-GF70 Series, KF1502-GT10 Series
|
ROHM
|