PART |
Description |
Maker |
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
F49L400BA |
4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory 4兆位(为512k × 8/256K × 16V时仅闪存的CMOS
|
Elite Semiconductor Memory Technology, Inc.
|
IS61NP25632 IS61NP25636 IS61NP51218 IS61NP25632-5T |
256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 5 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 36 ZBT SRAM, 4.2 ns, PQFP100 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 256K X 36 ZBT SRAM, 5 ns, PQFP100 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 256K X 36 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 36 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 5 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 4.2 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 4.2 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K × 3256K × 36和管道为512k × 18编号WAIT状态总线的SRAM
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
IDT71V65803S133BG IDT71V65803S100BQ IDT71V65803S10 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 3.8 ns, PQFP100 256K x 36/ 512K x 18 3.3V Synchronous ZBT SRAMs RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 1K/BULK
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
AT27BV400-15TI AT27BV400 AT27BV400-12JC AT27BV400- |
High Speed CMOS Logic 8-Stage Synchronous Down Counters 16-SOIC -55 to 125 256K X 16 OTPROM, 120 ns, PDSO48 4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM 256K X 16 OTPROM, 150 ns, PDSO48
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AS29LV400 |
3V 512K x 8/256K ?16 CMOS Flash EEPROM
|
ETC
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
MX29LV002CBQI-90 MX29LV002CBQI-70 MX29LV002CBTI-90 |
2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 256K X 8 FLASH 3V PROM, 90 ns, PQCC32 2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 256K X 8 FLASH 3V PROM, 70 ns, PQCC32 2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 256K X 8 FLASH 3V PROM, 90 ns, PDSO32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 8 FLASH 3V PROM, 70 ns, PQCC32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 8 FLASH 3V PROM, 55 ns, PDSO40 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 8 FLASH 3V PROM, 70 ns, PDSO40 1M X 8 FLASH 3V PROM, 55 ns, PDSO40
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
F49L400BA-90T F49L400UA-70T F49L400UA-90T |
4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
|
Elite Semiconductor Memory Technology Inc.
|
BM29F400B BM29F400T 29F400T-12PC 29F400T-12PI 29F4 |
4 MEGABIT (512K x 8 ) 5 VOLT SECTOR ERASE CMOS FLASH MEMORY(5V电源4M512K x 8 )扇区可擦除CMOS闪速存储器) 4兆位(为512k × 8伏扇区擦除的CMOS闪存V的电源的4分位(为512k × 8)扇区可擦除的CMOS闪速存储器 4MEGABIT (512K x 8/ 256K x 16) 5VOLT SECTOR ERASE CMOS FLASH MEMORY
|
Winbond Electronics, Corp. List of Unclassifed Manufacturers
|
A28F400BR-TB A28F400BR-B AB28F400BR-T80 AB28F400BR |
4-MBIT (256K X 16/ 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Toggle Switch; Circuitry:DPDT; Switch Operation:On-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-Mbit (256K x 16, 512K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corporation Intel Corp.
|
MX29LV401BTI-70 MX29LV401BTI-90 MX29LV401T MX29LV4 |
4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
MCNIX[Macronix International]
|