PART |
Description |
Maker |
2SK3781-01R |
DIODE SCHOTTKY SINGLE 25V 200mW 0.33V-vf 200mA-IFM 2mA-IF 0.5uA-IR SOD-323 3K/REEL 73 A, 200 V, 0.036 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL SILICON POWER MOSFET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
NTD4857N-1G |
Power MOSFET 25V, 76 A, Single N-Channel 12 A, 25 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
AAT7103 AAT7103IAS-T1 |
25V N-Channel Power MOSFET
|
Advanced Analogic Technologies, Inc.
|
UT50N03G-TM3-T UT50N03G-TN3-R UT50N03G-TN3-T UT50N |
45A, 25V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
UT75N02 |
75A 25V N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES
|
STP5NK65Z STP5NK65ZFP |
N-CHANNEL 650V 1.5 OHM 5A TO-220 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 650V 1.5 OHM 5A TO-220 ZENER-PROTECTED SUPERMESH POWER MOSFET JFET; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:100mA; Gate-Source Cutoff Voltage Max, Vgs(off):-9V; Continuous Drain Current, Id:100mA; Current Rating:100mA; Gate-Source Breakdown Voltage:-25V RoHS Compliant: No N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
NTX70N03R |
Power MOSFET 70-75 A, 25V N-Channel DPAK, D2PAK, &TO-220
|
ON Semiconductor
|
IRF8852 |
25V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package
|
International Rectifier
|
FDMS3624S |
PowerTrench? Power Stage 25V Asymmetric Dual N-Channel MOSFET
|
Fairchild Semiconductor
|
IRF7105 IRF7105TR |
25V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package HEXFET POWER MOSFET
|
International Rectifier
|
SSFM2506 |
25V N-Channel MOSFET
|
GOOD-ARK Electronics
|