PART |
Description |
Maker |
QL12X16B QL12X16B-0CG84C QL12X16B-0PF100C QL12X16B |
Very-high-speed CMOS FPGA, pASIC1 family. pASIC? 1 Family
Very-High-Speed CMOS FPGA FPGA, 192 CLBS, 2000 GATES, 150 MHz, CPGA84
|
QUICKLOGIC CORP
|
QL12X16B-0CG68M QL12X16B-1CG68M QL12X16B-CF160M QL |
Military 5.0V pASIC 1 family. Very-high-speed SMOS FPGA. MILITARY 5.0V PASIC 1 FAMILY - VERY-HIGH-SPEED CMOS FPGA
|
QuickLogic ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
EPF10K10TC144-3NBSP EPF10K30ABC256-1 EPF10K10QC208 |
Field Programmable Gate Array (FPGA) ASIC - Datasheet Reference FPGA,576-CELL,CMOS,QFP,208PIN,PLASTIC FPGA,576-CELL,CMOS,BGA,256PIN,PLASTIC
|
Altera Corp
|
MAX4641 MAX4641EGA MAX4641EUA MAX4642 MAX4642EGA M |
High-Speed, Low-Voltage, 4? Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4, Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4з, Dual SPST CMOS Analog Switches High-Speed / Low-Voltage / 4 / Dual SPST CMOS Analog Switches High-Speed.Low-Voltage.4<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST CMOS Analog Switches 高速,低电压,4з双通道SPST CMOS模拟开 High-Speed, Low-Voltage, 4蟹, Dual SPST CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AT28HC256-12FM/883 AT28HC256-12LM/883 AT28HC256-12 |
CONNECTOR ACCESSORY 32K X 8 EEPROM 5V, 90 ns, CPGA28 High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-TSSOP -55 to 125 256 32K x 8 High Speed Parallel EEPROMs 256 32K x 8 High Speed CMOS E2PROM
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
BC847C BC847A BC846A BC846B BC847B BC848B BC848C B |
NPN SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Quad D-Type Flip-Flop with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register 14-PDIP -55 to 125 High Speed CMOS Logic Dual 4-Input Multiplexers 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
http:// MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
QL2007 QL2007-0PF144I QL2007-0PL84C QL2007-0PL84I |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件)
|
List of Unclassifed Manufacturers ETC[ETC] QuickLogic Corp.
|
W26020A W26020A-20 W26020A-25 W26020AT-20 W26020AT |
128K X 16 High Speed CMOS Static RAM 128K x 16 HIGH-SPEED CMOS STATIC RAM From old datasheet system 128K×16bit High-Speed CMOS Static RAM(128K×16位高速CMOS静态RAM) 128K的16位高速CMOS静态RAM28K的16位高速的CMOS静态RAM)的 128K X 16 High Speed CMOS Static RAM 128K的16高速CMOS静态RAM
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|