PART |
Description |
Maker |
FDN361 FDN361AN |
N-Channel/ Logic Level/ PowerTrench N-Channel, Logic Level, PowerTrenchビヌ N-Channel, Logic Level, PowerTrenchΤΜ
|
Fairchild Semiconductor Corporation
|
SUP40N06-25L SUB40N06-25L |
N-Channel Enhancement-Mode MOSFETs, Logic Level N-Channel 60-V (D-S), 175 Degrees Celcious MOSFET, Logic Level
|
VISAY[Vishay Siliconix]
|
SUD25N06-45L |
N-Channel 60-V (D-S), 175C MOSFET, Logic Level N-Channel Enhancement-Mode MOSFETs, Logic Level
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
FDB883210 FDB8832-F085 FDB8832F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.1mΩ
|
Fairchild Semiconductor
|
FDB886010 FDB8860F085 FDB8860-F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.6m
|
Fairchild Semiconductor
|
BUK9Y19-55B |
N-channel TrenchMOSlogic level FET N-channel TrenchMOS⑩ logic level FET N-channel Trenchmos (tm) logic level FET
|
PHILIPS[Philips Semiconductors]
|
HUF76633S3S HUF76633P3 HUF76633S3ST HUF76633S3STNL |
38A,100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 39A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 39A条(丁)|63AB 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Intersil, Corp.
|
HGT1S14N36G3VL HGT1S14N36G3VLS HGTP14N36G3VL HGT1S |
DIODE ZENER SINGLE 500mW 30Vz 4.2mA-Izt 0.05 0.1uA-Ir 23Vr DO35-GLASS 5K/REEL DIODE ZENER SINGLE 500mW 39Vz 3.2mA-Izt 0.05 0.1uA-Ir 32Vr DO35-GLASS 5K/AMMO 14A 360V N-Channel Logic Level Voltage Clamping IGBTs 14A, 360V N-CHANNEL, LOGIC LEVEL, VOLTAGE CLAMPING IGBTS 14A, 380V Logic Level, Voltage Clamped, Avalanche Energy Rated, ESD Protected IGBT 14A/ 360V N-Channel/ Logic Level/ Voltage Clamping IGBTs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PHU108NQ03LT PHU108NQ03LT127 PHB108NQ03LT PHD108NQ |
N-channel TrenchMOS logic level FET 75 A, 25 V, 0.0075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 PLASTIC, IPAK-3 N-channel TrenchMOS logic level FET
|
NXP Semiconductors N.V.
|
AIC1720 AIC1720-30 AIC1720-30CS AIC1720-30CX AIC17 |
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-CDIP -55 to 125 CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-SOIC -55 to 125 CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-TSSOP -55 to 125 100mA Low Dropout Linear Regulator 100mA的低压差线性稳压器 CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-SO -55 to 125 100mA的低压差线性稳压器
|
Analog Integrations Corporation AIC[Analog Intergrations Corporation] Analog Integrations, Corp.
|
PSMN4R0-25YLC PSMN4R0-25YLC-15 |
N-channel 25 V 4.5 mΩ logic level MOSFET in LFPAK N-channel 25 V 4.5 m logic level MOSFET in LFPAK 84 A, 25 V, 0.0058 ohm, N-CHANNEL, Si, POWER, MOSFET, MO-235
|
NXP Semiconductors N.V.
|
BUK9614-55A BUK9514-55A |
Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 160V; Case Size: 35x25 mm; Packaging: Bulk TrenchMOS logic level FET TrenchMOS TM logic level FET TrenchMOS(tm) logic level FET
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|