LT6230IS6-10TRPBF LT6232CGNTR LT6231IS8PBF LT6231I |
215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C OP-AMP, 700 uV OFFSET-MAX, 1450 MHz BAND WIDTH, PDSO6 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 450 uV OFFSET-MAX, 215 MHz BAND WIDTH, PDSO16 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 550 uV OFFSET-MAX, 215 MHz BAND WIDTH, PDSO8 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 650 uV OFFSET-MAX, 215 MHz BAND WIDTH, PDSO8 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C OP-AMP, 600 uV OFFSET-MAX, 215 MHz BAND WIDTH, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|