PART |
Description |
Maker |
MN102L62G |
Microcomputer - 16bit - General Purpose From old datasheet system
|
Panasonic
|
MN1021617 |
Microcomputer - 16bit - General Purpose FLGA165-C-1111
|
panasonic
|
MN102H797 |
Microcomputer - 16bit - General Purpose From old datasheet system LQFP064-P-1414(Pb Free)
|
Matsshita / Panasonic
|
MN102H76G |
Microcomputer - 16bit - General Purpose From old datasheet system QFP084-P-1818E(Pb Free)
|
panasonic
|
MN102H74G MN102H74F MN102H74D |
Microcomputer - 16bit - General Purpose From old datasheet system LQFP100-P-1414(Pb Free)
|
Matsshita / Panasonic
|
2SB1709 |
Genera purpose amplification(−12V −1.5A) Genera purpose amplification(-12V, -1.5A)
|
ROHM[Rohm]
|
AKD4641EN-A |
16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
|
Asahi Kasei Microsystems
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
A43L2616V-6PH A43L2616V-7PH |
Cycle time:6ns; 166MHz CL=3 access time:5.0ns 1M x 16bit x 4banks synchronous DRAM Cycle time:7ns; 143MHz CL=3 access time:5.4ns 1M x 16bit x 4banks synchronous DRAM
|
AMIC Technology
|