PART |
Description |
Maker |
MN101E01K MN101E01L MN101E01M |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C67D MN101C67G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101E04G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101D03D |
Microcomputer - 8bit - General Purpose From old datasheet system
|
Panasonic
|
MN101C61G MN101C61D MN101C61 |
Microcomputer - 8bit - General Purpose Timer counter 0 : 8-bit X 1
|
PANASONIC[Panasonic Semiconductor]
|
MN101C38A MN101C38C MN101C38 |
Microcomputer - 8bit - General Purpose Timer Counter *QFP100-P-1818B(Pb Free) From old datasheet system
|
Panasonic Semiconductor
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MN103S83D |
Microcomputer - 32bit - General Purpose
|
Panasonic
|
MN102H950F |
Microcomputer - 16bit - General Purpose
|
Panasonic
|