PART |
Description |
Maker |
25AA640T-I/SN 25AA640-I/ST 25AA640-I/P 25LC640X-E/ |
Evaluation Kit for the MAX1715 Evaluation Kit for the MAX1879 Evaluation Kit for the MAX1864 3µs, 12-Bit ADC Evaluation Kit for the MAX1717 Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) SPI串行EEPROM
|
Luxo, Corp.
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
27HC191L-40/K 27HC191L-55/L 27HC191L-40/P 27HC191L |
Evaluation Kit for the MAX4338, MAX4233 ADSL Drivers/Receivers for Customer Premise Equipment 16 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers Evaluation Kit for the MAX4447, MAX4448, MAX4449 Evaluation Kit for the MAX4450 250MHz Wideband Transconductance Amplifier with Differential Output SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute Evaluation Kit for the MAX4336, MAX4231 Evaluation Kit for the MAX4365 ±15V Chopper Stabilized Operational Amplifier Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator Evaluation Kit for the MAX4299 Evaluation Kit for the MAX4358 Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin QFN High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers 用于GSM、采引脚QFN封装的低成本、低电压功率控制放大 Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier x8存储 x8 EPROM x8存储
|
GSI Technology, Inc.
|
5962-8757104VXA 5962-8757104VYA 5962-8757102YA 596 |
Ultra-Low-Power, Single-Supply Op Amp Comparator Reference Evaluation Kit for the MAX9508 Evaluation Kit for the MAX9501 RGBHV Driver with EMI Suppression Temperature Transducer/Sensor 温度变送器/传感
|
Everlight Electronic Co., Ltd.
|
MAX1575 MAX1575EVKIT MAX1575ETE |
White LED 1x/1.5x Charge Pump for Main and Sub-Displays MAX1575 Evaluation Kit Evaluation Kit for the MAX1575
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
8606301XG 8606301YA 8606301YG 8606302YA 8606303XG |
x8 EPROM EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors with Charge-Pump Outputs Evaluation System/Evaluation Kit for the MAX6870, MAX6871, MAX6872, MAX6873, MAX6874, MAX6875 Evaluation Kit/Evaluation System for the MAX6876 Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors x8存储
|
Air Cost Control
|
MAX1553EVKITNBSP MAX1553EVKIT |
Evaluation Kit for the MAX1553/MAX1554 MAX1553 Evaluation Kit From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
26PCCFA6D 26PCBFA6D 26PCDFA6D 26PCAFA6D 26PCAFA6G |
DRUCKSENSORR 0 5 PSID 10O, Quad, SPST, CMOS Analog Switches Direct QPSK Modulator with VGA and PA Driver for 1.7GHz to 2.5GHz Applications Evaluation Kit for the MAX2720, MAX2721 Evaluation Kit for the MAX2900, MAX2901, MAX2902, MAX2903, MAX2904 DRUCKSENSOR 0 15 PSID DRUCKSENSOR 0 15 PSID
|
RF Micro Devices, Inc.
|
243PC15M 242PC60G 242PC100GS 242PC250G 242PC150GS |
Burst-Mode PON Controller With Integrated Monitoring 工业控制IC Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors 工业控制IC Evaluation Kit for the DS1854, DS1857, DS1858, DS1859 Fiber Optic Monitor and Control Evaluation Kit 工业控制IC Industrial Control IC 工业控制IC
|
Honeywell International, Inc.
|
MAX5960LEVCMAXQU |
Evaluation Kit/Evaluation System for the MAX5959A/MAX5959L/MAX5960A/MAX5960L
|
MAXIM - Dallas Semiconductor
|
MAX1954A MAX1954AEVKIT |
MAX1954A Evaluation Kit Evaluation Kit for the MAX1954A From old datasheet system
|
Maxim Integrated Products
|