PART |
Description |
Maker |
PE-52627 PE-52629 PE-52625 PE-52649 PE-52628 PE-52 |
LTC1701 Evaluation Kit Standard Low Power Inductors - Switch Mode Power Converters and Ripple Filters LTC1773EMS Evaluation Kit LTC3401EMS10 Evaluation Kit LTC1876 Evaluation Kit LTC1960 Evaluation Kit LTC1700EMS Evaluation Kit 3.3V Micropower EIA/TIA-562 Transceiver LTC1771EMS8 Evaluation Kit 标准低功率电感器-开关电源转换器和过滤器纹波
|
Electronic Theatre Controls, Inc.
|
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
MAX1583XETB MAX1583YETB MAX1583ZETB MAX1583EVKIT M |
White LED Camera-Flash MAX1583 Evaluation Kit 1 A, 24 V, evaluation kit 500 mA, 24 V, evaluation kit 250 mA, 24 V, evaluation kit
|
MAXIM - Dallas Semiconductor
|
2650D15 2650D05 2650D12 2650MD15 2650S05.2 2650MT1 |
ISDB-T 1- and 3-Segment Low-IF Tuners 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容 Evaluation Kit for the MAX2116, MAX2118 模拟IC Direct-Conversion to Low-IF Tuners for Digital Audio Broadcast 模拟IC Evaluation Kit for the MAX2160 模拟IC Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs 模拟IC Evaluation Kit for the MAX2130
|
Littelfuse, Inc. Advanced Interconnections, Corp. Maxim Integrated Products, Inc. Micro Commercial Components, Corp. STMicroelectronics N.V.
|
2664AJ 2664AK 2664AL |
Evaluation Kit for the MAX2338 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Evaluation Kit for the MAX2335 HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
|
Bel Fuse Inc.
|
5962-8751503JX 5962-8751502JX 5962-8751504JX 5962- |
Evaluation Kit for the MAX8716 Dynamically Adjustable 6-Bit VID Step-Down Controller Low-Cost, Linear-Regulator LCD Panel Power Supplies Evaluation Kit for the MAX8717 Simplified Multichemistry SMBus Battery Charger Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers High-Voltage, Low-Power Linear Regulators for Notebook Computers Evaluation Kit for the MAX8713 x8 EPROM x8存储
|
API Delevan
|
MAX1556EVKIT MAX1556 |
MAX1556 Evaluation Kit Evaluation Kit for the MAX1556EVKIT
|
MAXIM[Maxim Integrated Products]
|
263371 263372 263373 263374 263375 263378 263379 2 |
Ultrasound Variable-Gain Amplifier Evaluation Kit for the MAX2039 High-Linearity, 1700MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance High-Linearity, 1700MHz to 2200MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller Evaluation Kit for the MAX2016 5V, RS-232 Transceivers with 0.1µF External Capacitors Evaluation Kit for the MAX2015 8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs High-Dynamic-Range, Direct Up-/Downconversion, 750MHz to 1200MHz Quadrature Modulator/Demodulator High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator High-Linearity, 815MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs Evaluation Kit for the MAX2043 Evaluation Kit for the MAX2027 Evaluation Kit for the MAX1036 MAX2023 Evaluation Kit PHOTOLUM.WARNING STRIPS PHOTOLUM.WARNING带钢 WARNING TAPES STD.LUMINOUS
|
Panduit, Corp.
|
26PCCFA6D 26PCBFA6D 26PCDFA6D 26PCAFA6D 26PCAFA6G |
DRUCKSENSORR 0 5 PSID 10O, Quad, SPST, CMOS Analog Switches Direct QPSK Modulator with VGA and PA Driver for 1.7GHz to 2.5GHz Applications Evaluation Kit for the MAX2720, MAX2721 Evaluation Kit for the MAX2900, MAX2901, MAX2902, MAX2903, MAX2904 DRUCKSENSOR 0 15 PSID DRUCKSENSOR 0 15 PSID
|
RF Micro Devices, Inc.
|
B1006 B1001 B1002 B1007 B1004 PE-69301 PE-69300 PE |
HDSL Transformers for Brooktree and Level One Chipsets - (11/97) Match:BT8960 LT3468ES5/LT3468ES5-1 Evaluation Kit LT3435IFE Evaluation Kit LTC4259A Evaluation Kit HDSL Transformers for Brooktree and Level One Chipsets - (11/97) Match:BT8921/BT8970 HDSL变压器Brooktree和第一级芯片组- 1/97)匹配:BT8921/BT8970
|
Electronic Theatre Controls, Inc.
|
MAX3803EVKIT |
Evaluation Kit for the MAX3803 From old datasheet system Evaluation Kit for the MAX3803
|
MAXIM - Dallas Semiconductor
|