PART |
Description |
Maker |
HV257 HV257X HV257FG |
32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY From old datasheet system
|
Supertex Inc SUTEX[Supertex, Inc]
|
MAX5168NECM MAX5168MECM MAX5168 2289 MAX5168MCCM M |
SAMPLE AND HOLD AMPLIFIER, 2.5 us ACQUISITION TIME, PQFP48 32-Channel Sample/Hold Amplifier with a Single Multiplexed Input From old datasheet system SAMPLE/TRACK-AND-HOLD AMPLIFIER|32-CHANNEL|BICMOS|QFP|48PIN|PLASTIC
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
SHM-4860 SHM-4860MC SHM-4860MM SHM-4860/883 |
Industry-Standard, High-Speed .01% Sample-Hold Amplifiers Industry-Standard, High-Speed 0.01% Sample-Hold Amplifiers 工业标准,高速0.01%采样保持放大器
|
Electronic Theatre Controls, Inc.
|
28C64AF-20/TS 28C64AF-15/TS 28C64AF-15I/TS 28C64AF |
16-Bit Parallel-Input Voltage-Output DACs with Internal Reference 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5591/MAX5593/MAX5595 x8的EEPROM 32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
28C17A-25/P 28C17A-25/L 28C17A-25I/L 28C17A-25I/P |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 128Kx8 EEPROM 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs x8的EEPROM
|
Microchip Technology, Inc.
|
243NQ100 243NQ 243NQ080 243NQ090 243NQ100R |
100V 240A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package Audio Sample Rate Converter IC; IC Function:Audio Sample Rate Converter IC; Package/Case:20-QFN; Leaded Process Compatible:No; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Audio Sample Rate Converter IC; IC Function:Audio Sample Rate Converter IC; Package/Case:20-TSSOP; Leaded Process Compatible:Yes; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Supply Voltage:5.25V; Frequency:192GHz RoHS Compliant: Yes Transceiver IC; Transceiver Type:Digital Audio; Supply Voltage:5V; Package/Case:28-SOIC; Frequency:96GHz; Interface Type:Serial; Leaded Process Compatible:No; No. of Drivers:1; No. of Receivers:1; Operating Temp. Max:70 C RoHS Compliant: No SCHOTTKY RECTIFIER 肖特基整流器
|
IRF[International Rectifier] International Rectifier, Corp.
|
AD5533BBC-1 |
32-Channel Infinite Sample-and-Hold
|
Analog Devices
|
CXA1843Q |
High-Speed Sample-and-Hold IC
|
SONY[Sony Corporation]
|
SRC4194IPAGR SRC4194IPAGT |
4-Channel / Asynchronous Sample Rate Converter
|
Burr-Brownoration
|
MAX5631 MAX5633UTK MAX5631UCB MAX5631UTK MAX5632UC |
16-Bit DACs with 32-Channel Sample-and-Hold Outputs
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
SHA1144 |
HIGH RESOLUTION 14 BIT SAMPLE AND HOLD AMPLIFIER
|
Analog Devices
|