PART |
Description |
Maker |
MAX463 MAX463CNG MAX463CWG MAX463ENG MAX463EWG MAX |
Two-Channel Triple/Quad RGB Video Switches and Buffers Two-Channel / Triple/Quad RGB Video Switches and Buffers CONNECTOR ACCESSORY 2W Stereo APA With Digital Volume Control 24-HTSSOP -40 to 85 4-CHANNEL, FOUR POLE DOUBLE THROW SWITCH, PDIP28 Two-Channel, Triple/Quad RGB Video Switches and Buffers QUAD BUFFER AMPLIFIER, PDSO16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Fujitsu, Ltd.
|
BT137S-500E BT137S-600E BT137MSERIESE BT137M-600E |
Triacs sensitive gate Transient Voltage Suppressor Diodes Octal Buffers and Line Drivers with 3-State Outputs 20-CDIP -55 to 125 Octal Buffers and Line Drivers with 3-State Outputs 20-CFP -55 to 125 Octal Buffers/Drivers with 3-State Outputs 20-CDIP -55 to 125 DIODE ZENER TRIPLE ISOLATED 200mW 16.2Vz 5mA-Izt 0.0556 0.1uA-Ir 11.2 SOT-363 3K/REEL
|
PHILIPS[Philips Semiconductors] NXP
|
HD74ALVC2G07 HD74ALVC2G07USE |
Triple Buffers / Drivers with Open Drain
|
Renesas Electronics Corporation
|
AD8074ARU AD8075 AD8075-EVAL AD8075ARU AD8074 AD80 |
500 MHz, G= 1 and 2 Triple Video Buffers with Disable; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial TRIPLE BUFFER AMPLIFIER, PDSO16 500 MHz, G = -1 and 2 Triple Video Buffers with Disable 500 MHz G = -1 and 2 Triple Video Buffers with Disable Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Crimp; Circular Shell Style:Right Angle Plug Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:3; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
MAX468 |
Two-Channel, Triple/Quad RGB Video Switches and Buffers
|
Maxim Integrated Products, Inc.
|
IN74AC34 IN74AC34D IN74AC34N |
Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
LC865608 LC865616 LC865620 LC865624 LC865628 |
Octal Buffers/Drivers With 3-State Outputs 20-PDIP -40 to 85 8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85
|
Sanyo Electric Co.,Ltd.
|
EL4331 EL4331CS-T13 EL4331CS-T7 EL4331CSZ EL4331CS |
Triple 2:1 Mux-Amp AV = 1 TRIPLE 2-CHANNEL, VIDEO MULTIPLEXER, PDSO16 Multiplexer, Triple, Analog Video, 2:1, 300MHz, Fixed Gain=1
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
ICS9148-58 ICS9148F-58 AV9148F-58 |
Frequency generator and integrated buffers for PENTIUM/PRO Frequency Generator & Integrated Buffers for PENTIUM/ProTM Single Chip, SIS 5600B 133MHz System Clock with AGP Clocks
|
ICST[Integrated Circuit Systems]
|
ACT-F128K32N-090F5I ACT-F128K32N-090F5Q ACT-F128K3 |
ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module 行为F128K32高兆位闪存多芯片模 Dual retriggerable monostable multivibrators 16-PDIP 0 to 70 行为F128K32高兆位闪存多芯片模 Quadruple Bus Buffers With 3-State Outputs 14-SSOP 0 to 70 行为F128K32高兆位闪存多芯片模 Dual retriggerable monostable multivibrators 16-SOIC 0 to 70 Quadruple Bus Buffers With 3-State Outputs 14-PDIP 0 to 70 Dual retriggerable monostable multivibrators 16-SO 0 to 70 Quadruple Bus Buffers With 3-State Outputs 14-SOIC 0 to 70 Quadruple Bus Buffers With 3-State Outputs 14-SO 0 to 70
|
http:// Aeroflex, Inc. Aeroflex Inc.
|