PART |
Description |
Maker |
BTS5234G |
Smart High Side Switches - 4,5-28V; 2x60mOhm Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
|
Infineon Technologies AG
|
BTS50090-1TMB |
Smart High-Side Power Switch PROFET One Channel
|
Infineon Technologies AG
|
BTS50080-1TEA |
Smart High-Side Power Switch PROFET One Channel
|
Infineon Technologies AG
|
BTS6142D SP000074866 |
Smart High-Side Power Switch PROFET One Channel, 12 m蟹 SMART HIGH-SIDE POWER SWITCH PROFET ONE CHANNEL, 12 Mз
|
INFINEON[Infineon Technologies AG]
|
BTS5236-2GS |
Smart High-Side Power Switch PROFET Two Channels, 50 mΩ
|
Infineon Technologies AG
|
SP000074866 BTS6142D |
Smart High-Side Power Switch PROFET One Channel, 12 m?
|
Infineon Technologies AG
|
BTS5235L SP000094800 |
Smart High-Side Power Switch PROFET Two Channels, 60 m蟹 Smart High-Side Power Switch PROFET Two Channels, 60 mз
|
INFINEON[Infineon Technologies AG]
|
BTS5235L |
Smart High-Side Power Switch PROFET Two Channels, 60 mз 智能高侧电源开关普罗费双通道0mз
|
Infineon Technologies AG
|
801-4 800 800-1 800-2 800-3 800-4 801-1 801-2 801- |
PROFET: Smart High Side Switches; Package: PG-TO220-5; Channels: 1.0; RON @ Tj = 25°C : 220.0 mOhm; Recommended Operating Voltage Range: 4.7 - 42.0 V; IL(SC): 12.0 A; Diagnostic: digital PROFET: Smart High Side Switches; Package: PG-DSO-8; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 6.0 - 52.0 V; IL(SC): 6.5 A; Diagnostic: digital Voltage Range: 12.0 - 45.0 V; IL(SC): 2.1 A; Diagnostic: n.a. PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 1,500.0 mOhm; Recommended Operating Voltage Range: 4.9 - 60.0 V; IL(SC): 0.9 A; Diagnostic: n.a. RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 20-40 AMP, STANDARD HIGH EFFICIENCY, ESP
|
MICROSEMI[Microsemi Corporation]
|
BSP450 BSP450E6327 BSP450E6911 |
Mini PROFET Smart High Side Switch MiniPROFET(MiniPROFET模块(高边开)
|
Infineon SIEMENS AG
|
802-10-016 802-Z1-016-10-002 800-10-016-10-001 800 |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾 PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 12.0 - 45.0 V; IL(SC): 2.1 A; Diagnostic: n.a. Safety Control Relay; Contacts:SPST-NO; Contact Carry Current:4A; Relay Mounting:DIN Rail; Contact Rating:250 VAC/VDC, 4 AAC/ADC; Height:110mm; Leaded Process Compatible:No; Mounting Type:DIN Rail; Peak Reflow Compatible (260 C):No 45LM58D TIMING BOARD Q45 PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 12.0 - 45.0 V; IL(SC): 2.1 A; Diagnostic: n.a. PROFET: Smart High Side Switches; Package: PG-DSO-8; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 6.0 - 52.0 V; IL(SC): 6.5 A; Diagnostic: n.a.
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|