PART |
Description |
Maker |
BT168GW |
Thyristors; logic level for RCD/GFI/LCCB applications
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BT168GW_3 BT168GW |
Thyristors logic level for RCD/GFI/LCCB applications From old datasheet system
|
Philips
|
C106M |
Thyristors logic level
|
Tiger Electronic Co.,Ltd
|
C106M-600V |
Thyristors logic level
|
Tiger Electronic Co.,Ltd
|
BT169B BT169G BT169 BT169D BT169G112 BT169G126 |
Thyristors logic level - I<sub>GT</sub>: 0.2 mA; I<sub>T</sub> (R<sub>MS</sub>): 0.8 A; V<sub>DRM</sub>: 600 V; Package: SOT54 (TO-92); Container: Ammo pack axial radial taped 0.8 A, 600 V, SCR, TO-92 Thyristors logic level - I<sub>GT</sub>: 0.2 mA; I<sub>T</sub> (R<sub>MS</sub>): 0.8 A; V<sub>DRM</sub>: 600 V; Package: SOT54 (TO-92); Container: Bulk pack 0.8 A, 600 V, SCR, TO-92
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT258B-600R BT258B BT258B-800R BT258B-500R |
Thyristors logic level 8 A, 600 V, SCR
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT150M-600R BT150S-600R BT150S-800R BT150M BT150M- |
Transient Voltage Suppressor Diodes CAPACITOR .39UF UV BOX TYPE Thyristors logic level
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
BT149D126 |
Thyristors logic level - I<sub>GT</sub>: 0.2 mA; I<sub>T</sub> (R<sub>MS</sub>): 0.8 A; V<sub>DRM</sub>: 400 V; Package: SOT54 (TO-92); Container: Ammo pack axial radial taped 0.8 A, 400 V, SCR
|
NXP Semiconductors N.V.
|
T2500NFP T2500BFP T2500DFP T2500FP T2500MFP |
SPST to 4PST Slide DIP Switches 隔震可控硅晶闸管6安培RMS00通过800 ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS 400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
BUK9614-55A BUK9514-55A |
Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 160V; Case Size: 35x25 mm; Packaging: Bulk TrenchMOS logic level FET TrenchMOS TM logic level FET TrenchMOS(tm) logic level FET
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PHD16N03LT |
N-channel TrenchMOS?/a> logic level FET N-channel Trenchmos (tm) logic level FET N-channel TrenchMOS⑩ logic level FET From old datasheet system N-channel TrenchMOSlogic level FET 16 A, 30 V, 0.067 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|