PART |
Description |
Maker |
V23818-K305-L17 V23818-K305-L55 V23818-K305-L57 V2 |
Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX, (AC/AC coupling), 1.25 GBit/s LC, 2x5, 3.3V Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC Connector Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC⑩ Connector SMALL FORM FACTOR MULTIMODE 850 NM 1.0625 GBD FIBRE CHANNEL 1.25 GIGABIT ETHERNET TRANSCEIVER 2X5 PINNING WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LCConnector
|
Infineon Technologies AG
|
V23818-K305-L56 |
Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LCConnector 纤巧多模850纳米1.0625 GBd光纤通道1.3千兆以太x5⑩收发器的LC连接 SMALL FORM FACTOR MULTIMODE 850 NM 1.0625 GBD FIBRE CHANNEL 1.3 GIGABIT ETHERNET 2X5 TRANSCEIVER WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC Connector
|
Infineon Technologies AG
|
IRF440 |
8A/ 500V/ 0.850 Ohm/ N-Channel Power MOSFET 8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
|
Intersil Corporation
|
ITMS8050100111 ITMS8050100112 ITMS8050100115 ITMS8 |
850 nm Window Multi-mode Single Channel Integrated Tap Monitors
|
OPLINK Communications Inc.
|
HFBR-59L1AL |
HFBR-59L1AL · 1.25 GBd Ethernet and 1.0625 GBd Fiber Channel MMF Small Form Factor PTH Transceiver , -10C to 85C Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] http://
|
V23818-N15-L356 V23818-N15-L356-C V23818-M305-L57 |
Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LCConnector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC Connector/ with Collar Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector SMALL FORM FACTOR MULTIMODE 850 NM 2.125 AND 1.0625 GBD FIBRE CHANNEL 2X5 TRANSCEIVER WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC Connector
|
Infineon Technologies AG
|
V23839-R35-L55 V23839-R36-L55 |
iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC⑩ Connector iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
V23848-M305-C56 |
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
V23818-M305-B57 2.125AND1.0625GBDLCSFP |
Transceivers by Form-factor MSA - SFP - Multimode 850nm VCSEL; 2.125 and 1.0625 Gbit/s FC; 1.25 GBE TRX with LC-Connector SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC⑩ Connector SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC Connector
|
Infineon Technologies AG
|
HFBR-5921L HFBR-5923L |
FIBER OPTIC TRANSCEIVER, 830-860nm, 2125Mbps(Tx), 2125Mbps(Rx), THROUGH HOLE MOUNT, LC CONNECTOR Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
|
AVAGO TECHNOLOGIES LIMITED
|
PL-XLD-00-SH0-C5 |
850 nm 8.5 G TOSA
|
JDS Uniphase Corporation
|