PART |
Description |
Maker |
74ALVCH162245 ACH162245DL ACH162245DGG 74ALVCH1622 |
Quadruple Bus Buffer Gates With 3-State Outputs 14-PDIP -40 to 85 16-bit bus transceiver with direction pin and 30Ω termination resistor (3-State)(0Ω终端电阻器和定向引脚16位总线收发器(三态)) JT 18C 18#20 PIN PLUG 16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74LVC322245A 74LVC322245AEC 74LVCH322245AEC 74LVCH |
32-bit bus transceiver with direction pin;with 30Ω series termination resistors; 5-volt tolerant (3-State)(0Ω系列终端电阻具有定向引脚V输入/输出容限32位总线收发器(三态)) 32位总线收发器引脚方0Ω串联终端电阻伏耐(3态)(带30Ω系列终端电阻器,具有定向引脚V的输输出容限32位总线收发器(三态) 32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state Hex Buffers And Line Drivers With 3-State Outputs 16-TSSOP -40 to 85
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
KK33193D KK33193N |
Automotive Direction Indicator
|
KODENSHI KOREA CORP.
|
TMCM-302 |
3-Axis Step/Direction Controller
|
TRINAMIC Motion Control GmbH & Co. KG.
|
RSB39F2 |
Bi direction ESD Protection Diode
|
Rohm
|
AST125XX |
centerline 5.00 mm, direction of connection vertical 0°
|
METZ CONNECT GmbH
|
BL8023F |
300mA Bi-Direction Relay Driver
|
SHANGHAI BELLING CO., L...
|
RSB27K2 |
Bi direction ESD Protection Diode
|
Rohm
|
TMCM-342 |
3-Axis Step/Direction Controller
|
TRINAMIC Motion Control GmbH & Co. KG.
|
RSBC6.8CS |
Bi direction ESD Protection diode
|
Rohm
|
ESDBVD5V0Y1 |
Bi-direction ESD Protection Diode
|
Jiangsu Changjiang Elec...
|